Electronic Components Datasheet Search
  English  ▼

X  

BC109C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC109C
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC109C Datasheet(HTML) 3 Page - NXP Semiconductors

  BC109C Datasheet HTML 1Page - NXP Semiconductors BC109C Datasheet HTML 2Page - NXP Semiconductors BC109C Datasheet HTML 3Page - NXP Semiconductors BC109C Datasheet HTML 4Page - NXP Semiconductors BC109C Datasheet HTML 5Page - NXP Semiconductors BC109C Datasheet HTML 6Page - NXP Semiconductors BC109C Datasheet HTML 7Page - NXP Semiconductors BC109C Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Sep 03
3
Philips Semiconductors
Product specification
NPN general purpose transistors
BC107; BC108; BC109
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC107
−
50
V
BC108; BC109
−
30
V
VCEO
collector-emitter voltage
open base
BC107
−
45
V
BC108; BC109
−
20
V
VEBO
emitter-base voltage
open collector
BC107
−
6V
BC108; BC109
−
5V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
0.5
K/mW
Rth j-c
thermal resistance from junction to case
0.2
K/mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com