Electronic Components Datasheet Search
  English  ▼

X  

BC109C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC109C
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC109C Datasheet(HTML) 4 Page - NXP Semiconductors

  BC109C Datasheet HTML 1Page - NXP Semiconductors BC109C Datasheet HTML 2Page - NXP Semiconductors BC109C Datasheet HTML 3Page - NXP Semiconductors BC109C Datasheet HTML 4Page - NXP Semiconductors BC109C Datasheet HTML 5Page - NXP Semiconductors BC109C Datasheet HTML 6Page - NXP Semiconductors BC109C Datasheet HTML 7Page - NXP Semiconductors BC109C Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Sep 03
4
Philips Semiconductors
Product specification
NPN general purpose transistors
BC107; BC108; BC109
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. VBEsat decreases by about 1.7 mV/K with increasing temperature.
2. VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
−−
15
nA
IE = 0; VCB = 20 V; Tj = 150 °C
−−
15
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
50
nA
hFE
DC current gain
IC =10 µA; VCE =5V
BC107A; BC108A
−
90
−
BC107B; BC108B; BC109B
40
150
−
BC108C; BC109C
100
270
−
hFE
DC current gain
IC = 2 mA; VCE =5V
BC107A; BC108A
110
180
220
BC107B; BC108B; BC109B
200
290
450
BC108C; BC109C
420
520
800
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA
−
90
250
mV
IC = 100 mA; IB =5mA
−
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
−
700
−
mV
IC = 100 mA; IB = 5 mA; note 1
−
900
−
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V; note 2
550
620
700
mV
IC = 10 mA; VCE = 5 V; note 2
−−
770
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−
2.5
6
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
9
−
pF
fT
transition frequency
IC = 10 mA; VCB = 5 V; f = 100 MHz
100
−−
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 30 Hz to 15.7 kHz
BC109B; BC109C
−−
4dB
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
BC107A; BC108A
BC107B; BC108B; BC108C
−−
10
dB
BC109B; BC109C
−−
4dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com