Electronic Components Datasheet Search
  English  ▼

X  

BQ2019 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2019
Description  ADVANCED BATTERY MONITORIC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2019 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2019 Datasheet HTML 9Page - Texas Instruments BQ2019 Datasheet HTML 10Page - Texas Instruments BQ2019 Datasheet HTML 11Page - Texas Instruments BQ2019 Datasheet HTML 12Page - Texas Instruments BQ2019 Datasheet HTML 13Page - Texas Instruments BQ2019 Datasheet HTML 14Page - Texas Instruments BQ2019 Datasheet HTML 15Page - Texas Instruments BQ2019 Datasheet HTML 16Page - Texas Instruments BQ2019 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
bq2019
ADVANCED BATTERY MONITOR IC
SLUS465E – DECEMBER 1999 – REVISED FEBRUARY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
communicating with the bq2019
The bq2019 includes a single-wire HDQ serial data interface. Host processors, configured for either polled or
interrupt processing, use the interface to access various bq2019 registers. The HDQ pin requires an external
pullup or pulldown resistor. The interface uses a command-based protocol, where the host processor sends a
command byte to the bq2019. The command directs the bq2019 either to store the next eight bits of data
received to a register specified by the command byte or to output the eight bits of data from a register specified
by the command byte. The communication protocol asynchronous return-to-one is referenced to VSS.
Command and data bytes consist of a stream of eight bits with a maximum transmission rate of 5 Kbits/s. The
least-significant bit of a command or data byte is transmitted first. Data input from the bq2019 may be sampled
using the pulse-width capture timers available on some microcontrollers. A UART can also communicate with
the bq2019. If a communication time-out occurs (for example, if the host waits longer than tCYCB for the bq2019
to respond or if this is the first access command), then a BREAK should be sent by the host. The host may then
resend the command. The bq2019 detects a BREAK when the HDQ pin is driven to a logic-low state for a time
tB or greater. The HDQ pin then returns to its normal ready-high logic state for a time tBR The bq2019 is then
ready for a command from the host processor.
The return-to-one data-bit frame consists of three distinct sections. The first section starts the transmission by
either the host or the bq2019 taking the HDQ pin to a logic-low state for a period tSTRH,B.. The next section is
the actual data transmission, where the data should be valid by a period tDSU,B, after the negative edge that
starts communication. The data should be held for a period t∆V /t∆H to allow the host or bq2019 to sample the
data bit. The final section stops the transmission by returning the HDQ pin to a logic-high state by at least a
period tSSU,B after the negative edge used to start communication. The final logic-high state should be held until
a period, tCYCH,B, to allow time to ensure that the bit transmission ceased properly. The serial communication
timing specification and illustration sections give the timings for data and break communication. Communication
with the bq2019 always occurs with the least-significant bit being transmitted first. Figure 3 shows an example
of a communication sequence to read the bq2019 OFR register.
11
0
0
11
1
0
1
0
1
0
0
1
1
0
LSB
0
1
2
34
56
MSB
7
CMDR = 73h
Data (OFR) = 65h
LSB
0
1
2
3456
MSB
7
Break
73h = 0 1 1 1 0 0 1 1
LSB
MSB
65h = 0 1 1 0 0 1 0 1
LSB
MSB
Written By Host to bq2019
Received By Host From bq2019
t(RSPS)
Figure 3. Communication Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com