Electronic Components Datasheet Search
  English  ▼

X  

BQ2019 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2019
Description  ADVANCED BATTERY MONITORIC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2019 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ2019 Datasheet HTML 16Page - Texas Instruments BQ2019 Datasheet HTML 17Page - Texas Instruments BQ2019 Datasheet HTML 18Page - Texas Instruments BQ2019 Datasheet HTML 19Page - Texas Instruments BQ2019 Datasheet HTML 20Page - Texas Instruments BQ2019 Datasheet HTML 21Page - Texas Instruments BQ2019 Datasheet HTML 22Page - Texas Instruments BQ2019 Datasheet HTML 23Page - Texas Instruments BQ2019 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
bq2019
ADVANCED BATTERY MONITOR IC
SLUS465E – DECEMBER 1999 – REVISED FEBRUARY 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ERRATA
Issue : This errata ONLY applies if page 1 (address 0x20– 0x3F) or page 2 (address 0x40– 0x5F) of the
embedded flash memory is read through the HDQ interface. If your specific application or method of use
does not involve reading from any location on page 1 or page 2 of flash memory, please disregard this
erratum.
Description:
This errata ONLY applies if page 1 (address 0x20– 0x3F) or page 2 (address 0x40– 0x5F) of flash memory is
read through the HDQ interface. Under rare conditions, the read operation may return 0xFF data for locations
on page 1 or page 2. However, this is only an issue with the READ operation. There is no impact on the content
or the integrity of the data stored in page 1 or page 2 of the flash memory.
This document also describes two simple methods of safeguarding against this condition. Both methods are
implemented on the host system software. No hardware modifications are required.
Safeguarding Method Number One:
This method ONLY applies if the user does not ever write to any location on page 0 (0x00–0x1F). This method
uses a flash to RAM transfer sequence in order to clear any potential read issues.
Yes
Proceed. No action
required.
Write data 0x48 to
address 0x62
(FCMD=0x48)
Read desired address in page 1 or
page 2. Data is valid.
Accessing page 1 or
page 2
No
Did you read data 0xFF
from a location on
page 1 or page 2?
Figure 1. Procedure Flow for Safeguarding Method Number One
Safeguarding Method Number One:
For all applications that write to page 0, please proceed to Safeguarding Method Number Two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com