Electronic Components Datasheet Search
  English  ▼

X  

CWR11 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # CWR11
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11 Datasheet(HTML) 9 Page - Vishay Siliconix

  CWR11 Datasheet HTML 1Page - Vishay Siliconix CWR11 Datasheet HTML 2Page - Vishay Siliconix CWR11 Datasheet HTML 3Page - Vishay Siliconix CWR11 Datasheet HTML 4Page - Vishay Siliconix CWR11 Datasheet HTML 5Page - Vishay Siliconix CWR11 Datasheet HTML 6Page - Vishay Siliconix CWR11 Datasheet HTML 7Page - Vishay Siliconix CWR11 Datasheet HTML 8Page - Vishay Siliconix CWR11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.vishay.com
55
CWR11
Vishay Sprague
Document Number 40011
Revision 31-Jan-05
For technical questions, contact tantalum@vishay.com
TAPE AND REEL PACKAGING In inches [millimeters]
Tape and Reel Specifications: All case codes are
available on plastic embossed tape per
EIA-481-1.
Tape reeling per IEC 286-3 is also
available. Standard reel diameter is 13" [330mm].
7" [178mm] reels are available.
The most efficient packaging quantities are full reel
increments on a given reel diameter. The quantities
shown allow for the sealed empty pockets required
to be in conformance with EIA-481-1. Reel size and
packaging must be specified at the time of order
placement.
Case
Code
Tape
Width
Component
Pitch
Units Per Reel
7" [178]
Reel
13" [330]
Reel
A
B
C
D
8mm
8mm
12mm
12mm
4mm
4mm
8mm
8mm
2000
2000
500
500
9000
8000
3000
2500
0.157
± 0.004
[4.0
± 0.10]
0.079
± 0.002
[2.0
± 0.050]
0.069
± 0.004
[1.75
± 0.10]
F
W
D1 Min.
P
B0
A0
0.059 + 0.004 - 0.0
[1.5 + 0.10 - 0.0]
Direction of Feed
K
Max.
0.024
[0.600]
Max.
K0
Top Cover Tape
B1 Max.
0.094
[2.4]
0.177
[4.5]
TAPE
SIZE
B1
(Max.)
D1
(Min.)
F
K
(Max.)
P
W
A0B0K0
8mm
12mm
0.165
[4.2]
0.323
[8.2]
0.039
[1.0]
0.059
[1.5]
0.138 ± 0.002
[3.5 ± 0.05]
0.217 ± 0.002
[5.5 ± 0.05]
0.157 ± 0.004
[4.0 ± 1.0]
0.315 ± 0.004
[8.0 ± 1.0]
0.315 ± 0.012
[8.0 ± 0.30]
0.472 ± 0.012
[12.0 ± 0.30]
Notes: A0B0K0 are determined by component size.
The clearance between the component and the cavity
must be within 0.002" [0.05mm] minimum to 0.020"
[0.50mm] maximum for 8mm tape and 0.002" [0.05mm]
minimum to 0.026" [0.65mm] maximum for 12mm
tape.
Cathode (-)
Anode (+)
Direction of Feed
Top Cover
Tape Thickness
Standard orientation is with
the cathode (-) nearest to the
sprocket holes per EIA-481-1
and IEC 286-3.
Carrier
Embossment



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com