Electronic Components Datasheet Search
  English  ▼

X  

DAC7571IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVR
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  DAC7571IDBVR Datasheet HTML 1Page - Texas Instruments DAC7571IDBVR Datasheet HTML 2Page - Texas Instruments DAC7571IDBVR Datasheet HTML 3Page - Texas Instruments DAC7571IDBVR Datasheet HTML 4Page - Texas Instruments DAC7571IDBVR Datasheet HTML 5Page - Texas Instruments DAC7571IDBVR Datasheet HTML 6Page - Texas Instruments DAC7571IDBVR Datasheet HTML 7Page - Texas Instruments DAC7571IDBVR Datasheet HTML 8Page - Texas Instruments DAC7571IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
D A C
7 5 1
2
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VDD
SCL
A0
GND
Output
Buffer
Power Down
Control Logic
Resistor
Network
Ref (+) REF(-)
12-Bit
DAC
I2C
Control
Logic
DAC
Register
Power-On
Reset
VOUT
SDA
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
+2.7 V to +5.5 V, I
2
C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG
CONVERTER
•
Micropower Operation: 140 µA @ 5 V
The DAC7571 is a low-power, single channel, 12-bit
•
Power-On Reset to Zero
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
•
+2.7-V to +5.5 V-Power Supply
achieved. The DAC7571 utilizes an I
2C compatible
•
Specified Monotonic by Design
two wire serial interface that operates at clock rates
•
Settling Time: 10 µs to
±0.003%FS
up to 3.4 Mbps with address support of up to two
•
I
2C™ Interface up to 3.4 Mbps
DAC7571s on the same data bus.
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
The output voltage range of the DAC is set to VDD.
Operation
The DAC7571 incorporates a power-on-reset circuit
•
Double-Buffered Input Register
that ensures that the DAC output powers up at zero
•
Address Support for up to Two DAC7571s
volts and remains there until a valid write to the
device
takes
place.
The
DAC7571
contains
a
•
Small 6 Lead SOT Package
power-down feature, accessed via the internal control
•
Operation From –40
°C to 105°C
register, that reduces the current consumption of the
device to 50 nA at 5 V.
The low power consumption of this part in normal
•
Process Control
operation makes it ideally suited for portable battery
•
Data Acquistion Systems
operated equipment. The power consumption is less
•
Closed-Loop Servo Control
than 0.7 mW at VDD = 5 V reducing to 1 µW in
•
PC Peripherals
power-down mode.
•
Portable Instrumentation
The DAC7571 is available in a 6-lead SOT 23
package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7571IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7571IDBVR TI1-DAC7571IDBVR Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571IDBVRG4 TI1-DAC7571IDBVRG4 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7571IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571_07 Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com