Electronic Components Datasheet Search
  English  ▼

X  

DAC7571IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVR
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7571IDBVR Datasheet HTML 7Page - Texas Instruments DAC7571IDBVR Datasheet HTML 8Page - Texas Instruments DAC7571IDBVR Datasheet HTML 9Page - Texas Instruments DAC7571IDBVR Datasheet HTML 10Page - Texas Instruments DAC7571IDBVR Datasheet HTML 11Page - Texas Instruments DAC7571IDBVR Datasheet HTML 12Page - Texas Instruments DAC7571IDBVR Datasheet HTML 13Page - Texas Instruments DAC7571IDBVR Datasheet HTML 14Page - Texas Instruments DAC7571IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
0
500
1000
1500
2000
2500
IDD − Supply Current − mA
SOURCE AND SINK CURRENT CAPABILITY
0
I
SOURCE/SINK (mA)
5
10
15
3
2
1
0
DAC Loaded with FFF
H
DAC Loaded with 000
H
V
DD = +3V
0
100
200
300
400
500
000H 02FH 200H 400H 600H 800H A00
H
C00H E00H FCFH FFFH
IDD − Supply Current − mA
0
50
100
150
200
250
300
−50
−30
−10
10
30
50
70
90
110
T − Temperature − _C
FULL-SCALE SETTLING TIME
Time (1
µs/div)
CLK (2.7V/div)
V
OUT (1V/div)
Full-Scale Code Change
000
H to FFFH
Output Loaded with
2k
Ω and 200pF to GND
0
V
LOGIC (V)
1
2
3
4
5
2500
2000
1500
1000
500
0
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
TYPICAL CHARACTERISTICS: V
DD = +2.7V
(continued)
At T
A = +25°C, +VDD = +2.7V, unless otherwise noted.
IDD HISTOGRAM
SOURCE AND SINK CURRENT CAPABILITY
Figure 27.
Figure 28.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
CODE
9 TEMPERATURE
Figure 29.
Figure 30.
SUPPLY CURRENT
vs
LOGIC INPUT VOLTAGE
FULL SCALE SETTLING TIME
Figure 31.
Figure 32.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com