Electronic Components Datasheet Search
  English  ▼

X  

ACPL-021L Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # ACPL-021L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-021L Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button ACPL-021L Datasheet HTML 3Page - Broadcom Corporation. ACPL-021L Datasheet HTML 4Page - Broadcom Corporation. ACPL-021L Datasheet HTML 5Page - Broadcom Corporation. ACPL-021L Datasheet HTML 6Page - Broadcom Corporation. ACPL-021L Datasheet HTML 7Page - Broadcom Corporation. ACPL-021L Datasheet HTML 8Page - Broadcom Corporation. ACPL-021L Datasheet HTML 9Page - Broadcom Corporation. ACPL-021L Datasheet HTML 10Page - Broadcom Corporation. ACPL-021L Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Broadcom
- 7 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 5 ACPL-K24L Stretched SO-8 Package Width
Solder Reflow Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-M21L/024L/021L/W21L/K24L is approved by the following organizations.
UL
Approval under UL 1577, component recognition program up to VISO = 3750 VRMS for ACPL-M21L/024L/021L and
VISO = 5000 VRMS for ACPL-W21L/K24L.
CSA
Approval under CSA Component Acceptance Notice #5.
IEC/EN 60747-5-5
(Option 060 and 560 only).
4
0.381 ±0.13
(0.015 ±0.005)
1.270 (0.050) BSG
12.650
(0.5)
1.905
(0.1)
3
2
1
5
6
7
8
6.100 ±0.250
(0.240 ±0.010)
LAND PATTERN RECOMMENDATION
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
7°
45°
0.254 ±0.100
(0.010 ±0.004)
0.450
(0.018)
0.750 ±0.250
(0.0295 ±0.010)
11.5 ±0.250
(0.453 ±0.010)
7°
1.590 ±0.127
(0.063 ±0.005)
PART NUMBER
ROHS-COMPLIANCE
INDICATOR
6.807 ±0.127
(0.268 ±0.005)
3.180 ±0.127
(0.125 ±0.005)
NNNN
YYWW
EEE
DATE CODE
Lot ID
TOTAL PACKAGE WIDTH
(INCLUSIVE OF MOLD FLASH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com