Electronic Components Datasheet Search
  English  ▼

X  

ACPL-021L Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ACPL-021L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-021L Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button ACPL-021L Datasheet HTML 4Page - Broadcom Corporation. ACPL-021L Datasheet HTML 5Page - Broadcom Corporation. ACPL-021L Datasheet HTML 6Page - Broadcom Corporation. ACPL-021L Datasheet HTML 7Page - Broadcom Corporation. ACPL-021L Datasheet HTML 8Page - Broadcom Corporation. ACPL-021L Datasheet HTML 9Page - Broadcom Corporation. ACPL-021L Datasheet HTML 10Page - Broadcom Corporation. ACPL-021L Datasheet HTML 11Page - Broadcom Corporation. ACPL-021L Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Broadcom
- 8 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
NOTE
These optocouplers are suitable for "safe electrical isolation" only within the safety limit data. Maintenance of the
safety limit data shall be ensured by means of protective circuits.
Table 3 Insulation and Safety Related Specifications
Parameter
Symbol ACPL-M21L
ACPL-024L
ACPL-021L
ACPL-W21
ACPL-K24L
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
5
4.9
8
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
5
4.8
8
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
175
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 4 IEC/EN60747-5-5 Insulation Characteristicsa (Option 060 and 560 Only)
a.
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN 60747-5-5)
for a detailed description of Method a and Method b partial discharge test profiles.
Description
Symbol
Characteristic
Unit
ACPL-M21L/
024L/021L
ACPL-W21L/
K24L
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000 Vrms
I – IV
I – III
I – II
I – IV
I – IV
I – III
I – III
Climatic Classification
55/105/21
55/105/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
567
1140
Vpeak
Input to Output Test Voltage, Method ba
VIORM × 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial discharge < 5 pC
VPR
1063
2137
Vpeak
Input to Output Test Voltage, Method aa
VIORM × 1.6 = VPR, Type and Sample Test, tm = 10 sec, Partial discharge < 5 pC
VPR
896
1824
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure.
Case Temperature
Input Currentb
Output Powerb
b.
Refer to the following figure for dependence of PS and IS on ambient temperature.
TS
IS, INPUT
PS, OUTPUT
150
150
600
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com