Electronic Components Datasheet Search
  English  ▼

X  

DS1855 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1855
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1855 Datasheet HTML 12Page - Dallas Semiconductor DS1855 Datasheet HTML 13Page - Dallas Semiconductor DS1855 Datasheet HTML 14Page - Dallas Semiconductor DS1855 Datasheet HTML 15Page - Dallas Semiconductor DS1855 Datasheet HTML 16Page - Dallas Semiconductor DS1855 Datasheet HTML 17Page - Dallas Semiconductor DS1855 Datasheet HTML 18Page - Dallas Semiconductor DS1855 Datasheet HTML 19Page - Dallas Semiconductor DS1855 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS1855
16 of 20
TYPICAL OPERATING CHARACTERISTICS
(VCC = 5V, T = +25ºC, unless otherwise specified)
SUPPLY CURRENT vs. VOLTAGE
0
5
10
15
20
25
30
35
40
0123456
VOLTAGE (V)
Icc @-40C
Icc @25C
Icc @85
WIPER RESISTANCE vs. WIPER VOLTAGE
0
50
100
150
200
250
300
350
400
450
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VOLTAGE (V)
25 Deg. C
-40 Deg C
85 Deg C
POT 0, TAP 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com