Electronic Components Datasheet Search
  English  ▼

X  

DS1855 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1855
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1855 Datasheet HTML 1Page - Dallas Semiconductor DS1855 Datasheet HTML 2Page - Dallas Semiconductor DS1855 Datasheet HTML 3Page - Dallas Semiconductor DS1855 Datasheet HTML 4Page - Dallas Semiconductor DS1855 Datasheet HTML 5Page - Dallas Semiconductor DS1855 Datasheet HTML 6Page - Dallas Semiconductor DS1855 Datasheet HTML 7Page - Dallas Semiconductor DS1855 Datasheet HTML 8Page - Dallas Semiconductor DS1855 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS1855
3 of 20
DS1855 BLOCK DIAGRAM Figure 1
Up to eight DS1855s can be installed on a single 2-wire bus. Access to an individual device is achieved
by using a device address that is determined by the logic levels of address pins A0 through A2.
Additionally, the DS1855 will operate from 3V or 5V supplies. Three package options are available: 14-
pin TSSOP, 16-ball STPBGA, and flip-chip package.
VCC
GND
SDA
SCL
WP
A0
A1
A2
H0
W0
L0
H1
W1
L1
248 BYTES
EEPROM
MEMORY
1 BYTE WIPER
SETTING
POT 0
1 BYTE WIPER
SETTING
POT 1
CONFIGURATION
BYTE
LOCK BYTE
LOCK BYTE
RESERVED
CONTROL
DATA
POTENTIOMETER 0
2-WIRE
INTERFACE
POTENTIOMETER 1
100-
Position
Pot
256-
Position
Pot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com