Electronic Components Datasheet Search
  English  ▼

X  

DS3893AV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3893AV
Description  BTL TURBOTRANSCEIVER?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3893AV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS3893AV Datasheet HTML 1Page - National Semiconductor (TI) DS3893AV Datasheet HTML 2Page - National Semiconductor (TI) DS3893AV Datasheet HTML 3Page - National Semiconductor (TI) DS3893AV Datasheet HTML 4Page - National Semiconductor (TI) DS3893AV Datasheet HTML 5Page - National Semiconductor (TI) DS3893AV Datasheet HTML 6Page - National Semiconductor (TI) DS3893AV Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Switching Time Waveforms (Continued)
Typical Application
00869809
Application Information
Due to the high current and very high speed capability of the
TURBOTRANSCEIVER’s driver output stage, circuit board
layout and bus grounding are critical factors that affect the
system performance.
Each of the TURBOTRANSCEIVER’s bus ground pins
should be connected to the nearest backplane ground pin
with the shortest possible path. The ground pins on the
connector should be distributed evenly through its length.
Although the bandgap reference receiver threshold provides
sufficient DC noise margin (Figure 9), ground noise and
ringing on the data paths could easily exceed this margin if
the series inductance of the traces and connectors are not
kept to a minimum. The bandgap ground pin should be
returned to the connector through a separate trace that does
not carry transient switching currents. The transceivers
should be mounted as close as possible to the connector. It
should be noted that even one inch of trace can add a
significant amount of ringing to the bus signal.
00869807
FIGURE 7. Receiver Propagation Delay
00869808
Note: tR =tF ≤ 4 ns From 10% to 90%
Note: n=1,2,3,4
FIGURE 8. Receiver Enable and Disable Times
00869810
FIGURE 9. Noise Margin
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com