Electronic Components Datasheet Search
  English  ▼

X  

DS3893AV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3893AV
Description  BTL TURBOTRANSCEIVER?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3893AV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3893AV Datasheet HTML 1Page - National Semiconductor (TI) DS3893AV Datasheet HTML 2Page - National Semiconductor (TI) DS3893AV Datasheet HTML 3Page - National Semiconductor (TI) DS3893AV Datasheet HTML 4Page - National Semiconductor (TI) DS3893AV Datasheet HTML 5Page - National Semiconductor (TI) DS3893AV Datasheet HTML 6Page - National Semiconductor (TI) DS3893AV Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS3893A
BTL TURBOTRANSCEIVER™
General Description
The TURBOTRANSCEIVER is designed for use in very high
speed bus systems. The bus terminal characteristics of the
TURBOTRANSCEIVER are referred to as “Backplane
Transceiver Logic” (BTL). BTL is a new logic signaling stan-
dard that has been developed to enhance the performance
of backplane buses. BTL compatible transceivers feature
low output capacitance drivers to minimize bus loading, a 1V
nominal signal swing for reduced power consumption and
receivers with precision thresholds for maximum noise im-
munity. This new standard eliminates the settling time de-
lays, that severely limit the TTL bus performance, to provide
significantly higher bus transfer rates.
The TURBOTRANSCEIVER is compatible with the require-
ments of the proposed IEEE 896 Futurebus draft standard. It
is similar to the DS3896/97 BTL TRAPEZOIDAL™ Trans-
ceivers but the trapezoidal feature has been removed to
improve the propagation delay. A stripline backplane is there-
fore required to reduce the crosstalk induced by the faster
rise and fall times. This device can drive a 10
Ω load with a
typical propagation delay of 3.5 ns for the driver and 5 ns for
the receiver.
When multiple devices are used to drive a parallel bus, the
driver enables can be tied together and used as a common
control line to get on and off the bus. The driver enable delay
is designed to be the same as the driver propagation delay in
order to provide maximum speed in this configuration. The
low input current on the enable pin eases the drive required
for the common control line.
The bus driver is an open collector NPN with a Schottky
diode in series to isolate the transistor output capacitance
from the bus when the driver is in the inactive state. The
active output low voltage is typically 1V. The bus is intended
to be operated with termination resistors (selected to match
the bus impedance) to 2.1V at both ends. Each of the
resistors can be as low as 20
Ω.
Features
n
Fast single ended transceiver (typical driver enable and
receiver propagation delays are 3.5 ns and 5 ns)
n
Backplane Transceiver Logic (BTL) levels (1V logic
swing)
n
Less than 5 pF bus-port capacitance
n
Drives densely loaded backplanes with equivalent load
impedances down to 10
Ω
n
4 transceivers in 20 pin PCC package
n
Specially designed for stripline backplanes
n
Separate bus ground returns for each driver to minimize
ground noise
n
High impedance, MOS and TTL compatible inputs
n
TRI-STATE™ control for receiver outputs
n
Built-in bandgap reference provides accurate receiver
threshold
n
Glitch free power up/down protection on all outputs
n
Oxide isolated bipolar technology
Connection and Logic Diagram
00869801
Order Number DS3893AV
See NS Package Number V20A
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
TRAPEZOIDAL™ and TURBOTRANSCEIVER™ are trademarks of National Semiconductor Corp.
March 1997
© 2004 National Semiconductor Corporation
DS008698
www.national.com


Similar Part No. - DS3893AV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3893AV NSC-DS3893AV Datasheet
293Kb / 8P
BTL TURBOTRANSCEIVER?
More results

Similar Description - DS3893AV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3884A NSC-DS3884A Datasheet
115Kb / 8P
BTL Handshake Transceiver
DS3885 NSC-DS3885 Datasheet
200Kb / 12P
BTL Arbitration Transceiver
DS3896 NSC-DS3896 Datasheet
247Kb / 9P
BTL Trapezoidal??Transceivers
logo
Panasonic Semiconductor
AN7510 PANASONIC-AN7510 Datasheet
278Kb / 25P
BTL Audio Power IC
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
BTL AUDIO POWER AMPLIFIER
logo
Rohm
BA5917AFP ROHM-BA5917AFP Datasheet
86Kb / 7P
CD 4ch BTL
BA5983FP ROHM-BA5983FP Datasheet
115Kb / 8P
BTL DRIVE
logo
National Semiconductor ...
DS3893A NSC-DS3893A_09 Datasheet
293Kb / 8P
BTL TURBOTRANSCEIVER?
DS3896 NSC-DS3896_09 Datasheet
353Kb / 10P
BTL Trapezoidal??Transceivers
logo
Lyontek Inc.
LY8361 LYONTEK-LY8361_17 Datasheet
3Mb / 44P
27Wx2(BTL) Stereo / 8Wx2(SE)27Wx1(BTL) 2.1CH /
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com