Electronic Components Datasheet Search
  English  ▼

X  

SDWA01 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # SDWA01
Description  Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SDWA01 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button SDWA01 Datasheet HTML 4Page - Taoglas antenna solutions SDWA01 Datasheet HTML 5Page - Taoglas antenna solutions SDWA01 Datasheet HTML 6Page - Taoglas antenna solutions SDWA01 Datasheet HTML 7Page - Taoglas antenna solutions SDWA01 Datasheet HTML 8Page - Taoglas antenna solutions SDWA01 Datasheet HTML 9Page - Taoglas antenna solutions SDWA01 Datasheet HTML 10Page - Taoglas antenna solutions SDWA01 Datasheet HTML 11Page - Taoglas antenna solutions SDWA01 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SPE-11-8-129/H/NB
Page 8 of 19
Figure 9. Radiation Pattern at 2480 MHz of the SDWA.01 antenna.
Figure 10. Radiation Pattern at 5200 MHz of the SDWA.01 antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com