Electronic Components Datasheet Search
  English  ▼

X  

SDWA01 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # SDWA01
Description  Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SDWA01 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  SDWA01 Datasheet HTML 1Page - Taoglas antenna solutions SDWA01 Datasheet HTML 2Page - Taoglas antenna solutions SDWA01 Datasheet HTML 3Page - Taoglas antenna solutions SDWA01 Datasheet HTML 4Page - Taoglas antenna solutions SDWA01 Datasheet HTML 5Page - Taoglas antenna solutions SDWA01 Datasheet HTML 6Page - Taoglas antenna solutions SDWA01 Datasheet HTML 7Page - Taoglas antenna solutions SDWA01 Datasheet HTML 8Page - Taoglas antenna solutions SDWA01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SPE-11-8-129/H/NB
Page 3 of 19
device housing. If you want to be absolutely sure, contact Taoglas and we will test.
Choosing a Taoglas antenna with a higher peak gain than what is specified by the
module manufacturer and enlisting our help will ensure you are getting the best
performance possible without exceeding the peak gain limits.
2. Specification
ELECTRICAL
Band
2.4 GHz
5GHz
Frequency (MHz)
2400-2483
5180-5825
Polarization
Linear
Impedance (Ohms)
50 Ohms
Efficiency (%)
83
75
Return Loss (dB)
-9.29
-10.12
Radiation Properties
Omni-directional
VSWR
2
2
Peak Gain (dBi)
4.4
4.3
Note:
These values are based on our standard 100mm*50mm test board. Actual electrical values will
change depending on ground plane size, shape, mounting position, matching circuit design,
and surrounding environment.
MECHANICAL
Dimensions
10x4x1.5mm
ENVIRONMENTAL
Operation Temperature
-40°C to +85°C
Storage Temperature
-40°C to +105°C
Temperature Coefficient
(
τf)
0 ± 20 ppm @-20ºC to +80ºC
Humidity
Non-condensing 65°C 95% RH
Recommended Reel Storage
Conditions
5°C to 40°C
Relative Humidity 20% to 70%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com