Electronic Components Datasheet Search
  English  ▼

X  

DS9639 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9639
Description  Dual Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9639 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS9639 Datasheet HTML 1Page - National Semiconductor (TI) DS9639 Datasheet HTML 2Page - National Semiconductor (TI) DS9639 Datasheet HTML 3Page - National Semiconductor (TI) DS9639 Datasheet HTML 4Page - National Semiconductor (TI) DS9639 Datasheet HTML 5Page - National Semiconductor (TI) DS9639 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Test Circuit and Switching Time Waveform
Typical Applications
DS009623-5
CL includes jig and probe capacitance.
All diodes are FD700 or equivalent.
FIGURE 4. AC Test Circuit and Waveforms
DS009623-6
VI
Amplitude: 1.0V
Offset: 0.5V
Pulse Width: 500 ns
PRR: 1 MHz
tr = tf ≤ 5.0 ns
FIGURE 5.
DS009623-7
Rt ≥ 50Ω for RS-422 operation.
Rt combined with input impedance of receivers must be greater than 90Ω.
FIGURE 6. RS-422 System Application (FIPS 1020) Differential Simplex Bus Transmission
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com