Electronic Components Datasheet Search
  English  ▼

X  

DS9639 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9639
Description  Dual Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9639 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS9639 Datasheet HTML 1Page - National Semiconductor (TI) DS9639 Datasheet HTML 2Page - National Semiconductor (TI) DS9639 Datasheet HTML 3Page - National Semiconductor (TI) DS9639 Datasheet HTML 4Page - National Semiconductor (TI) DS9639 Datasheet HTML 5Page - National Semiconductor (TI) DS9639 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS9639A
Dual Differential Line Receiver
General Description
The DS9639A is a Schottky dual differential line receiver
which has been specifically designed to satisfy the require-
ments of EIA Standards RS-422, RS-423 and RS-232C. In
addition, the DS9639A satisfies the requirements of
MIL-STD 188-114 and is compatible with the International
Standard CCITT recommendations. The DS9639A is suit-
able for use as a line receiver in digital data systems, using
either single ended or differential, unipolar or bipolar trans-
mission. It requires a single 5.0V power supply and has
Schottky TTL compatible outputs. The DS9639A has an op-
erational input common mode range of ±7.0V either differen-
tially or to ground.
Features
n Dual channel
n Single 5.0V supply
n Satisfies EIA Standards RS-422, RS-423 and RS-232C
n Built-in ±35 mV hysteresis
n High input common mode voltage range
n High input impedance
n TTL compatible outputs
n Schottky technology
Connection Diagram
8-Lead DIP
DS009623-1
Top View
Order Number DS9639ACN
See NS Package Number N08E
February 1996
© 1998 National Semiconductor Corporation
DS009623
www.national.com


Similar Part No. - DS9639

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS9639A TI1-DS9639A Datasheet
167Kb / 8P
DS9639A Dual Differential Line Receiver
More results

Similar Description - DS9639

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
SN75146 TI-SN75146 Datasheet
108Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com