Electronic Components Datasheet Search
  English  ▼

X  

TG100113 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # TG100113
Description  Triton - 4G/3G/2G Terminal Antenna for Cellular Gateways and Routers with Assisted GPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG100113 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  TG100113 Datasheet HTML 1Page - Taoglas antenna solutions TG100113 Datasheet HTML 2Page - Taoglas antenna solutions TG100113 Datasheet HTML 3Page - Taoglas antenna solutions TG100113 Datasheet HTML 4Page - Taoglas antenna solutions TG100113 Datasheet HTML 5Page - Taoglas antenna solutions TG100113 Datasheet HTML 6Page - Taoglas antenna solutions TG100113 Datasheet HTML 7Page - Taoglas antenna solutions TG100113 Datasheet HTML 8Page - Taoglas antenna solutions TG100113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SPE-11-8-147/F/WY
Page 1 of 30
SPECIFICATION
Part No.
:
TG.10.0113
Product Name
:
Triton - 4G/3G/2G Terminal Antenna for Cellular
Gateways and Routers with Assisted GPS
Hinged SMA(M)
Features
:
LTE / GSM / CDMA /GPS/ DCS /PCS / WCDMA /
UMTS / HSPA / GPRS / EDGE /IMT
698MHz to 960MHz, 1710MHz to 2690Mhz
Dipole Terminal Antenna
Hinged SMA(M) Connector
Dimensions: Length 168*18*13mm,Φ13mm
RoHS Compliant


Similar Part No. - TG100113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG100113 ETC2-TG100113 Datasheet
625Kb / 13P
2G/3G/4G TERMINAL ANTENNA FOR CELLULAR MODULES WITH ASSISTED GPS HINGED SMA
More results

Similar Description - TG100113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG10RA0113 ETC2-TG10RA0113 Datasheet
2Mb / 19P
2G/3G/4G Terminal Antenna for Cellular Modules with Assisted GPS Hinged SMA
TG100113 ETC2-TG100113 Datasheet
625Kb / 13P
2G/3G/4G TERMINAL ANTENNA FOR CELLULAR MODULES WITH ASSISTED GPS HINGED SMA
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
TG.10R.A.0113 TAOGLAS-TG.10R.A.0113_17 Datasheet
1Mb / 16P
Triton 4G/3G/2G Terminal Antenna
TG.10.0113 TAOGLAS-TG.10.0113_18 Datasheet
4Mb / 32P
Triton - 4G/3G/2G Terminal Antenna
logo
TE Connectivity Ltd
602-456-XXX TEC-602-456-XXX Datasheet
695Kb / 4P
Cellular (2G/3G/4G) Outdoor Antenna
602-458-XXX TEC-602-458-XXX Datasheet
877Kb / 2P
CELLULAR (2G/3G/4G) Outdoor Antenna
920-409-XXX TEC-920-409-XXX Datasheet
540Kb / 2P
CELLULAR (2G/3G/4G) Adhesive Antenna
920-635-001 TEC-920-635-001 Datasheet
1Mb / 4P
CELLULAR (2G/3G/4G) Screw Antenna
955-006-XXX TEC-955-006-XXX Datasheet
956Kb / 4P
CELLULAR (2G/3G/4G) Magnetic Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com