Electronic Components Datasheet Search
  English  ▼

X  

TG100113 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TG100113
Description  Triton - 4G/3G/2G Terminal Antenna for Cellular Gateways and Routers with Assisted GPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG100113 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TG100113 Datasheet HTML 1Page - Taoglas antenna solutions TG100113 Datasheet HTML 2Page - Taoglas antenna solutions TG100113 Datasheet HTML 3Page - Taoglas antenna solutions TG100113 Datasheet HTML 4Page - Taoglas antenna solutions TG100113 Datasheet HTML 5Page - Taoglas antenna solutions TG100113 Datasheet HTML 6Page - Taoglas antenna solutions TG100113 Datasheet HTML 7Page - Taoglas antenna solutions TG100113 Datasheet HTML 8Page - Taoglas antenna solutions TG100113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SPE-11-8-147/F/WY
Page 3 of 30
2. Specification
ELECTRICAL
In free space
Frequency
(MHz)
703~803
824~894
880~960 1575.42 1710~1880 1850~1990 1920~2170 2490~2690
Efficiency (%)
straight
41.82
33.71
26.83
26.17
41.01
35.76
39.76
46.48
bent
48.78
45.62
40.51
26.82
49.05
43.56
47.78
55.37
Average Gain(dBi)
straight
-3.80
-4.74
-5.73
-5.82
-3.92
-4.48
-4.03
-3.44
bent
-3.12
-3.41
-3.93
-5.71
-3.14
-3.62
-3.22
-2.63
Peak Gain(dBi)
straight
0.34
0.03
-0.48
-1.85
0.67
-0.07
0.23
2.04
bent
-0.21
0.35
0.22
-2.00
1.00
0.65
1.30
3.45
With 15cm X 9cm ground
Frequency
(MHz)
703~803
824~894
880~960 1575.42 1710~1880 1850~1990 1920~2170 2490~2690
Efficiency (%)
straight
71.68
49.29
43.13
20.87
57.84
67.45
74.31
66.25
bent
74.12
61.90
51.94
23.16
53.64
67.19
73.14
68.20
Average Gain(dBi)
straight
-1.45
-3.08
-3.66
-6.80
-2.38
-1.74
-1.30
-1.84
bent
-1.30
-2.09
-2.86
-6.35
-2.71
-1.76
-1.36
-1.70
Peak Gain(dBi)
straight
2.85
1.20
0.19
-2.47
2.34
3.57
4.22
3.95
bent
1.43
0.79
-0.13
-1.44
2.08
2.69
2.96
4.44
On 30cmX30cm ground plane edge
Frequency
(MHz)
703~803
824~894
880~960 1575.42 1710~1880 1850~1990 1920~2170 2490~2690
Efficiency (%)
straight
57.56
41.53
42.09
18.06
75.91
71.83
68.52
57.08
bent
57.30
48.37
42.12
20.37
72.62
71.93
70.21
58.98
Average Gain(dBi)
straight
-2.41
-3.82
-3.76
-7.43
-1.20
-1.44
-1.65
-2.50
bent
-2.42
-3.19
-3.76
-6.90
-1.39
-1.43
-1.54
-2.36
Peak Gain(dBi)
straight
2.96
0.68
-0.01
-3.02
3.37
2.83
2.82
3.17
bent
0.61
-0.78
-0.87
-2.61
3.49
4.63
4.76
3.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com