Electronic Components Datasheet Search
  English  ▼

X  

T.045150 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # T.045150
Description  RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T.045150 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button T.045150 Datasheet HTML 2Page - Vishay Siliconix T.045150 Datasheet HTML 3Page - Vishay Siliconix T.045150 Datasheet HTML 4Page - Vishay Siliconix T.045150 Datasheet HTML 5Page - Vishay Siliconix T.045150 Datasheet HTML 6Page - Vishay Siliconix T.045150 Datasheet HTML 7Page - Vishay Siliconix T.045150 Datasheet HTML 8Page - Vishay Siliconix T.045150 Datasheet HTML 9Page - Vishay Siliconix T.045150 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T. 045090, T. 045120, T. 045150
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
9
Document Number: 22095
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
T#045150WJ402##BK1
T#045150WE502##BK1
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
DERATING DIAGRAMS
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
0.14 MHz
0.02 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
0.11 MHz
0.02 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com