Electronic Components Datasheet Search
  English  ▼

X  

T.045150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T.045150
Description  RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T.045150 Datasheet(HTML) 2 Page - Vishay Siliconix

  T.045150 Datasheet HTML 1Page - Vishay Siliconix T.045150 Datasheet HTML 2Page - Vishay Siliconix T.045150 Datasheet HTML 3Page - Vishay Siliconix T.045150 Datasheet HTML 4Page - Vishay Siliconix T.045150 Datasheet HTML 5Page - Vishay Siliconix T.045150 Datasheet HTML 6Page - Vishay Siliconix T.045150 Datasheet HTML 7Page - Vishay Siliconix T.045150 Datasheet HTML 8Page - Vishay Siliconix T.045150 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
T. 045090, T. 045120, T. 045150
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22095
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•# 2nd digit: code letter of the terminal version A, B, C, D, E
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
TYPE T. 045090
T#045090BH600##BF1
R7
60
10
22
12
T#045090BH800##BF1
80
T#045090BH101##BF1
100
T#045090BH161##BF1
160
T#045090BH201##BG1
R16
200
T#045090BH251##BG1
250
T#045090BH301##BG1
300
T#045090BH401##BH1
R42
400
28
T#045090BH501##BH1
500
T#045090BH601##BH1
600
T#045090BH801##BJ1
R85
800
T#045090BH102##BJ1
1000
T#045090BH162##BJ1
1600
T#045090WC252##BJ1
2500
9.0
TYPE T. 045120
T#045120WH500##BF1
R7
50
13
28
10
T#045120WH600##BF1
60
T#045120WF800##BF1
80
12
T#045120WF101##BF1
100
T#045120WE161##BF1
160
11
T#045120WH251##BH1
R42
250
13
35
T#045120WH301##BH1
300
T#045120WH401##BH1
400
T#045120WE501##BH1
500
11
T#045120WH601##BJ1
R85
600
13
T#045120WH801##BJ1
800
T#045120WH102##BJ1
1000
T#045120BH162##BJ1
1600
10
TYPE T. 045150
T#045150WJ600##BF1
R7
60
14
35
12
T#045150WJ800##BF1
80
T#045150WJ101##BF1
100
T#045150WJ201##BG1
R16
200
T#045150WJ301##BH1
R42
300
42
T#045150WH401##BH1
400
13
T#045150WH501##BH1
500
T#045150WH601##BH1
600
T#045150WJ801##BJ1
R85
800
14
T#045150WH102##BJ1
1000
13
T#045150WH162##BJ1
1600
T#045150WF202##BJ1
2000
12
T#045150WJ302##BK1
R230
3000
14
T#045150WJ402##BK1
4000
T#045150WE502##BK1
5000
11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com