Electronic Components Datasheet Search
  English  ▼

X  

ECP052 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ECP052
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP052 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ECP052 Datasheet HTML 1Page - WJ Communication. Inc. ECP052 Datasheet HTML 2Page - WJ Communication. Inc. ECP052 Datasheet HTML 3Page - WJ Communication. Inc. ECP052 Datasheet HTML 4Page - WJ Communication. Inc. ECP052 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
August 2004
ECP052
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
900 MHz Application Circuit (ECP052G-PCB900)
Typical RF Performance at 25
°C
S21 vs Frequency
10
12
14
16
18
20
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
2
4
6
8
10
840
860
880
900
920
940
Frequency (MHz)
+25°C
+80°C
-40°C
P1 dB vs. Frequency
20
22
24
26
28
30
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 Ch. Fw d, ±885KHz Meas BW, 900 MHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
18
19
20
21
22
23
24
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Temperature
freq. = 900, 901 MHz, +13 dBm /tone
35
37
39
41
43
45
-40
-15
10
35
60
85
Temperature (°C)
OIP3 vs. Output Power
freq. = 900, 901 MHz, +25°C
35
37
39
41
43
45
8
10
1214
1618
20
Output Power (dBm)
OIP3 vs. Frequency
+25°, +13 dBm / tone
35
37
39
41
43
45
840
860
880
900
920
940
Frequency (MHz)
Frequency
900 MHz
S21 – Gain
17.5 dB
S11 – Input Return Loss
-18 dB
S22 – Output Return Loss
-7 dB
Output P1dB
+28.7 dBm
Output IP3
(+11 dBm / tone, 1 MHz spacing)
+43 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+23 dBm
Noise Figure
7 dB
Device / Supply Voltage
+5 V
Quiescent Current
250 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com