Electronic Components Datasheet Search
  English  ▼

X  

ECP052 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECP052
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP052 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECP052 Datasheet HTML 1Page - WJ Communication. Inc. ECP052 Datasheet HTML 2Page - WJ Communication. Inc. ECP052 Datasheet HTML 3Page - WJ Communication. Inc. ECP052 Datasheet HTML 4Page - WJ Communication. Inc. ECP052 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
August 2004
ECP052
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Product Features
• 800 – 1000 MHz
• +28.5 dBm P1dB
• +44 dBm Output IP3
• 18 dB Gain @ 900 MHz
• Single Positive Supply (+5V)
• Available in SOIC-8 or 16pin
4mm QFN package
Applications
• Final stage amplifiers for
Repeaters
• Mobile Infrastructure
Product Description
The ECP052 is a high dynamic range driver amplifier in
a low-cost surface mount package.
The InGaP/GaAs
HBT is able to achieve high performance for various
narrowband-tuned application circuits with up to +44
dBm OIP3 and +28.5 dBm of compressed 1dB power. It
is housed in an industry standard SOIC-8 or 16-pin
4x4mm QFN SMT package. All devices are 100% RF
and DC tested.
The ECP052 is targeted for use as a driver amplifier in
wireless infrastructure where high linearity and medium
power is required.
An internal active bias allows the
ECP052 to maintain high linearity over temperature and
operate directly off a single +5V supply.
This
combination makes the device an excellent candidate for
transceiver line cards in current and next generation
multi-carrier 3G base stations.
Functional Diagram
ECP052D
ECP052G
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
800
1000
Test Frequency
MHz
850
Gain
dB
15.5
17
Output P1dB
dBm
+27
+28
Output IP3
(2)
dBm
+42.5
+44
Test Frequency
MHz
900
Gain
dB
15.5
17.8
Input Return Loss
dB
18
Output Return Loss
dB
7
Output P1dB
dBm
+27
+28.7
Output IP3
(2)
dBm
+42.5
+43
IS-95A Channel Power
@ -45 dBc ACPR, 1960 MHz
dBm
+23
Noise Figure
dB
7
Operating Current Range, Icc
(3)
mA
200
250
300
Device Voltage, Vcc
V
+5
1. Test conditions unless otherwise noted: 25ºC, Vsupply = +5 V, in tuned application circuit.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. This corresponds to the quiescent current or operating current under small-signal conditions into pins 6, 7, and 8. It is expected that the current can increase by an additional 50 mA at P1dB. Pin 1 is used as a
reference voltage for the internal biasing circuitry. It is expected that Pin 1 will pull 12mA of current when used with a series bias resistor of R1=100
Ω. (ie. total device current typically will be 262 mA.)
Absolute Maximum Rating
Ordering Information
Parameters
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
°C
ECP052D
½ Watt InGaP HBT Amplifier (16p 4mm Pkg)
Storage Temperature
-65 to +150
°C
ECP052G
½ Watt InGaP HBT Amplifier (SOIC-8 Pkg)
RF Input Power (continuous)
+28 dBm
ECP052D-PCB900
900 MHz Evaluation Board
Device Voltage
+8 V
ECP052G-PCB900
900 MHz Evaluation Board
Device Current
400 mA
Device Power
2 W
Operation of this device above any of these parameters may cause permanent damage.
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
N/C
RF OUT
RF OUT
N/C
Vref
N/C
RF IN
N/C
1
2
3
4
8
7
6
5
Vref
N/C
RF IN
N/C
Vbias
RF OUT
RF OUT
N/C


Similar Part No. - ECP052

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP052D WJCI-ECP052D Datasheet
369Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D-G WJCI-ECP052D-G Datasheet
369Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D-PCB900 WJCI-ECP052D-PCB900 Datasheet
369Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052G WJCI-ECP052G Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP052

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
2 Watt, High Linearity InGaP HBT Amplifier
AH312 WJCI-AH312 Datasheet
356Kb / 7P
2 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com