Electronic Components Datasheet Search
  English  ▼

X  

EM55700 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM55700
Description  TINY CONTROLLER-BASED SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM55700 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM55700 Datasheet HTML 1Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 2Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 3Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 4Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 5Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 6Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 7Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 8Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
EM55000SERIES
EM55000SERIES
EM55000SERIES
EM55000SERIES
EM55000SERIES
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
* This specification are subject to be changed without notice.
3
1.23.2002
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
Pr
Pr
Pr
Pr
Preliminar
eliminar
eliminar
eliminar
eliminar
y
y
y
y
y
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Items
Items
Items
Items
Items
Sym.
Sym.
Sym.
Sym.
Sym.
Min.
Min.
Min.
Min.
Min.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Supply Voltage
V
DD-V SS
-0.3
6.0
V
Input Voltage
V
IN
V
SS-0.3
V
DD+0.3
V
Operating Temperature
T
OP
-20.0
70.0
o C
Storage Temperature
T
STG
-55.0
+125.0
o C
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (25oC, VDD=3.0 Volts unless otherwise specified)
Parameter
Parameter
Parameter
Parameter
Parameter
Sym.
Sym.
Sym.
Sym.
Sym.
Min.
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Condition
Condition
Condition
Condition
Condition
Operating voltage
V
DD
2.2
3.0
5.5
V
Standby current
I
DDS
-
-
2.0
µA
V
DD=3V
Operating current
I
DDO
-
250
350
µA
V
DD=3V, No load,
constant current D/A operate
Operating current
I
DDO
-
2.0
4.0
mA
V
DD=3V, No load,
push-pull current D/A operate
Drive current of P2,P3,P4
I
OD
2.0
3.0
-
mA
V
DD
=3V, V
O
=2.4V
Sink current of P2
I
OS
-
3.0
10.0
µAV
DD=3V, VO=3V
(before KEYB)
Sink current of P2(after KEYB)
I
OS
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
Sink current of P3,P4
I
OS
2.3
3.5
-
mA
V
DD=3V, VO=0.4V
Input current of P1
I
IH
-
3.0
10.0
µAV
DD=3V
Output current of VO
I
VO
4.0
5.2
6.4
mA
V
DD=3V, VO=0.7V
Output current of VO,VO1
I
VO
120
150
180
mA
V
DD=3V,(for 8Ω
speaker)
Oscillation resistor
R
-
470
-
K
Ω
V
DD=3V,(for EM55001~55100)
100
-
K
Ω
V
DD=3V,(for EM55200~55700)
Oscillation frequency
F
OSC
1.08
1.2
1.32
MHz
V
DD=2.2~5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com