Electronic Components Datasheet Search
  English  ▼

X  

EM55700 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM55700
Description  TINY CONTROLLER-BASED SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM55700 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM55700 Datasheet HTML 1Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 2Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 3Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 4Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 5Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 6Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 7Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 8Page - ELAN Microelectronics Corp EM55700 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pr
Pr
Pr
Pr
Preliminar
eliminar
eliminar
eliminar
eliminar
y
y
y
y
y
2
* This specification are subject to be changed without notice.
1.23.2002
EM55000SERIES
EM55000SERIES
EM55000SERIES
EM55000SERIES
EM55000SERIES
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
TINYCONTROLLER-BASEDSYNTHESIZER
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
Symbol
Symbol
Symbol
Symbol
Symbol
I/O
I/O
I/O
I/O
I/O
Function
Function
Function
Function
Function
P1.0
I
Bit 0 of Port 1. (not for EM55001, EM55002)
P1.1
I
Bit 1 of Port 1. (not for EM55001, EM55002)
P1.2
I
Bit 2 of Port 1. (not for EM55001, EM55002)
P1.3
I
Bit 3 of Port 1. (not for EM55001, EM55002)
P2.0
I/O
Bit 0 of Port 2.
P2.1
I/O
Bit 1 of Port 2.
P2.2
I/O
Bit 2 of Port 2. (not for EM55001)
P2.3
I/O
Bit 3 of Port 2. (not for EM55001)
P3.0
I/O
Bit 0 of Port 3. (not for EM55001)
P3.1
I/O
Bit 1 of Port 3. (not for EM55001)
P3.2
I/O
Bit 2 of Port 3. The pin can generate 38KHz square wave.
P3.3
I/O
Bit 3 of Port 3. The pin can be treated as an LED output flashing with volume.
P4.0
I/O
Bit 0 of Port 4. (not for EM55001 ~ EM55400)
P4.1
I/O
Bit 1 of Port 4. (not for EM55001 ~ EM55400)
P4.2
I/O
Bit 2 of Port 4. (not for EM55001 ~ EM55400)
P4.3
I/O
Bit 3 of Port 4. (not for EM55001 ~ EM55400)
VDD
I
Positive digital power supply.
OSCI
I
Ring oscillator/crystal input pin.
RESET
I
Reset Pin. (not for EM55001, EM55002, EM55100)
OSCO
O
Crystal output pin. (not for EM55001, EM55002, EM55100)
TEST
I
For testing only. (not for EM55001, EM55002)
VSSD
I
Negative digital power supply.
VCC
I
Positive analog power supply. (not for EM55001)
VSSC
I
Negative analog power supply. (not for EM55001)
VO
O
Constant current output / Push Pull voice output.
VO1
O
Push Pull voice output. (not for EM55001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com