Electronic Components Datasheet Search
  English  ▼

X  

SGGP18A Datasheet(PDF) 16 Page - Taoglas antenna solutions

Part # SGGP18A
Description  GPS/Glonass/Galileo SMT Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGGP18A Datasheet(HTML) 16 Page - Taoglas antenna solutions

Back Button SGGP18A Datasheet HTML 11Page - Taoglas antenna solutions SGGP18A Datasheet HTML 12Page - Taoglas antenna solutions SGGP18A Datasheet HTML 13Page - Taoglas antenna solutions SGGP18A Datasheet HTML 14Page - Taoglas antenna solutions SGGP18A Datasheet HTML 15Page - Taoglas antenna solutions SGGP18A Datasheet HTML 16Page - Taoglas antenna solutions SGGP18A Datasheet HTML 17Page - Taoglas antenna solutions SGGP18A Datasheet HTML 18Page - Taoglas antenna solutions SGGP18A Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SPE-13-8-030/I/SS
Page 16 of 19
6. Antenna Recommended Soldering Conditions
6.1. Flux, Solder
• Use rosin-based flux. Don’t use highly acidic flux with halide content exceeding
0.2wt%(chlorine conversion value).
• Use Sn solder.
6.2. Reflow soldering conditions
• Pre-heating should be in such a way that the temperature difference between solder
and product surface is limited to 150℃ max. Cooling into solvent after soldering
also should be in such a way that temperature difference is limited to 100℃ max.
Unwrought pre-heating may cause cracks on the product, resulting in the
deterioration of products quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com