Electronic Components Datasheet Search
  English  ▼

X  

SGGP18A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # SGGP18A
Description  GPS/Glonass/Galileo SMT Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGGP18A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  SGGP18A Datasheet HTML 1Page - Taoglas antenna solutions SGGP18A Datasheet HTML 2Page - Taoglas antenna solutions SGGP18A Datasheet HTML 3Page - Taoglas antenna solutions SGGP18A Datasheet HTML 4Page - Taoglas antenna solutions SGGP18A Datasheet HTML 5Page - Taoglas antenna solutions SGGP18A Datasheet HTML 6Page - Taoglas antenna solutions SGGP18A Datasheet HTML 7Page - Taoglas antenna solutions SGGP18A Datasheet HTML 8Page - Taoglas antenna solutions SGGP18A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SPE-13-8-030/I/SS
Page 2 of 19
1. Introduction
This ceramic 18mm GPS/GLONASS/GALILEO patch antenna is mounted via SMT process
and has been pre-tuned for a 50*50mm ground plane. Custom part numbers tuned for
different ground-plane or layout positions and taking into account the specific conditions
in your device can be created and supplied by Taoglas.
2. Specification
Original Patch Specification tested on 50*50mm ground plane
No
Parameter
Specification
Notes
1
Range of Receiving Frequency
GPS/GALILEO: 1575.42 MHz ± 1.023 MHz
GLONASS: 1602± 5 MHz
2
Return Loss
< -10dB
Center Frequency
3
Gain at Zenith
GPS: 3.88dBi
GLONASS: 4.03 dBi
4
Efficiency
GPS/GALILEO: 76.54%
GLONASS: 78.59%
5
Impedance
50 Ohms
7
Frequency Temperature
Coefficient(τf)
0 ± 20ppm / oC
-40ºC to +85ºC
8
Operating Temperature
-40C to +85C
**Changes in user groundplane and environment will offset centre frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com