Electronic Components Datasheet Search
  English  ▼

X  

FH101 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # FH101
Description  High Dynamic Range FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH101 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  FH101 Datasheet HTML 1Page - WJ Communication. Inc. FH101 Datasheet HTML 2Page - WJ Communication. Inc. FH101 Datasheet HTML 3Page - WJ Communication. Inc. FH101 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2004
Outline Drawing
Land Pattern
Mounting Configuration
1
'XXXX' = Part Designation = 'FH1' for FH101
'XXXX' = Part Designation = 'FH1G' for FH101-G
'1' = Lasermark
'XXXX-X' = Lot Code
XXXX-X
XXXX
Specifications and information are subject to change without notice.
FH101
High Dynamic Range FET
Product Information
The Communications Edge™
ESD / MSL Information
ESD Classification: Class 1B
Value:
Passes at 600 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Classification: Class IV
Value:
Passes at 1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
FH101
MSL Rating:
Level 3 at +225°C convection reflow
Standard:
JEDEC Standard J-STD-020
FH101-G
MSL Rating:
Level 3 at +260°C convection reflow
Standard:
JEDEC Standard J-STD-020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com