Electronic Components Datasheet Search
  English  ▼

X  

FH101 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # FH101
Description  High Dynamic Range FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH101 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  FH101 Datasheet HTML 1Page - WJ Communication. Inc. FH101 Datasheet HTML 2Page - WJ Communication. Inc. FH101 Datasheet HTML 3Page - WJ Communication. Inc. FH101 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2004
FH101
Product Description
The FH101 is a high dynamic range FET packaged
in a low cost surface mount package. The device is
available in both the standard SOT-89 package
and the environmentally friendly lead-free and
“green” SOT-89 package. The combination of low
noise figure and high output IP3 at the same bias
point makes it ideal for receiver and transmitter
applications. The FH101 achieves +36 dBm OIP3
at a mounting temperature of 85°C with an associ-
ated MTBF of >100 years. The package is a SOT-
89. All devices are 100% RF and DC tested.
The product is targeted for applications where high
linearity is required.
Product Features
• 50-3000 MHz Bandwidth
• +36 dBm Output IP3
• 1.2 dB Noise Figure
• 18 dB Gain
• +18 dBm P1dB
• Single or Dual Supply Operation
• MTBF >100 Years
• SOT-89 SMT Package
Functional Diagram
4
12
3
Function
Pin No.
Gate
1
Source
2
Drain
3
Source
4
High Dynamic Range FET
Product Information
Ordering Information
Part No.
Description
FH101
High Dynamic Range FET (leaded)1
FH101-G
High Dynamic Range FET (lead-free)2
1 Product may contain lead-bearing materials. Maximum +235°C reflow temperature.
2 Product does not contain lead-bearing materials. Maximum +260°C reflow temperature. Also
compatible with leaded soldering process.
The Communications Edge™
Absolute Maximum Ratings
Parameter
Rating
Drain to Source Voltage
+6.0 V
Gate to Source Voltage
-6.0 V
Gate Current
4.5 mA
Operating Case Temperature
-40 to +85°C
Storage Temperature
-55 to +125°C
Input RF Power (continuous)
+10 dBm
Operation of this device above any of these parameters may cause permanent damage.
Specifications
DC Electrical Parameter Units
Min.
Typical Max.
Saturated Drain Current, Idss mA
100
140
170
Transconductance, Gm
mS
120
Pinch Off Voltage, Vp
V
-3.0
-1.5
RF Parameter
Units
Min.
Typical Max.
Small Signal Gain, Gss
dB
17
18
Max Stable Gain, Gmsg
dB
23
Output IP3
dBm
32
36
Output P1dB
dBm
18
Noise Figure, NF
7
dB
1.2
Notes:
1. DC and RF parameters measured under the following conditions unless otherwise noted.
25°C with Vds = 5.0 V, Vgs = 0 V, test frequency = 800 MHz, 50 W system.
2. OIP3 measured with two tones at an output power of 5 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the OIP3 using a 2:1 slope rule.
3. Device needs appropriate match to become unconditionally stable.
4. Degradation of OIP3 occurs at low temperatures. Minimum typical OIP3 at -40°C is +36 dBm.
5. Idss is measured with Vgs = 0 V.
6. Pinch off voltage is measured when Ids = 0.6 mA.
7. Measured with Vds = 3.3 V, 50% Idss.
Typical Parameters
Parameter
Units
Typical
Frequency
MHz
900
1900
S21
dB
19.0
16.0
S11
dB
-10.7
-12.3
S22
dB
-9.7
-17.2
Output IP3
dBm
+38.0
+33.6
Output P1dB
dBm
+18.8
+19.1
Noise Figure
dB
2.7
3.1
Drain Bias Supply
5 V @ 140 mA
Gate Bias
0 V
Typical parameters reflect performance in an application circuit.
Actual Size
Specifications and information are subject to change without notice.


Similar Part No. - FH101

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
297Kb / 7P
High Dynamic Range FET
FH101-G WJCI-FH101-G Datasheet
297Kb / 7P
High Dynamic Range FET
FH101 WJCI-FH101_07 Datasheet
297Kb / 7P
High Dynamic Range FET
More results

Similar Description - FH101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FHF1 ETC-FHF1 Datasheet
82Kb / 4P
High Dynamic Range FET
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
HMJ4 ETC1-HMJ4 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
FH1 WJCI-FH1 Datasheet
753Kb / 7P
High Dynamic Range FET
HMJ8 WJCI-HMJ8 Datasheet
54Kb / 4P
High Dynamic Range FET Mixer
HMJ7 WJCI-HMJ7 Datasheet
262Kb / 3P
High Dynamic Range FET Mixer
FH1 WJCI-FH1_07 Datasheet
301Kb / 7P
High Dynamic Range FET
FH1 WJCI-FH1_07 Datasheet
301Kb / 7P
High Dynamic Range FET
FH101 WJCI-FH101_07 Datasheet
297Kb / 7P
High Dynamic Range FET
logo
TriQuint Semiconductor
FH1-G TRIQUINT-FH1-G_15 Datasheet
816Kb / 10P
High Dynamic Range FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com