Electronic Components Datasheet Search
  English  ▼

X  

FXR07A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXR07A
Description  Circular Near-Field Communications Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR07A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXR07A Datasheet HTML 1Page - Taoglas antenna solutions FXR07A Datasheet HTML 2Page - Taoglas antenna solutions FXR07A Datasheet HTML 3Page - Taoglas antenna solutions FXR07A Datasheet HTML 4Page - Taoglas antenna solutions FXR07A Datasheet HTML 5Page - Taoglas antenna solutions FXR07A Datasheet HTML 6Page - Taoglas antenna solutions FXR07A Datasheet HTML 7Page - Taoglas antenna solutions FXR07A Datasheet HTML 8Page - Taoglas antenna solutions FXR07A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPE-15-8-075/A/CM Page 1 of 10
SPECIFICATION
Part No.
: FXR.07.A.dg
Product Name
: Circular Near-Field Communications Antenna
with Ferrite Layer for Metal Direct Mount
Features
: 13.56 MHz NFC Antenna
Can be placed directly on metal surfaces
Layered with Ferrite Flux Director
Low Profile Embedded Antenna
Dimensions:
• Diameter: 45.5 mm
• Thickness: 0.30 mm
Peel and stick Nitto UTD-30 adhesive on back
RoHS Compliant


Similar Part No. - FXR07A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR07520075XA TAOGLAS-FXR07520075XA Datasheet
1Mb / 11P
Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
More results

Similar Description - FXR07A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
Flexible Near-Field Communications Reader Antenna
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
Circular Near-Field Communications Ferrite
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
Square Flexible Near-Field Communications Antenna
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
Rectangular Flexible Near-Field Communications Antenna
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
Flexible Near-Field Communications Reader Antenna
FXR06520075XA TAOGLAS-FXR06520075XA Datasheet
1Mb / 10P
Square Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR07520075XA TAOGLAS-FXR07520075XA Datasheet
1Mb / 11P
Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR08520075XA TAOGLAS-FXR08520075XA Datasheet
1Mb / 10P
Rectangular Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com