Electronic Components Datasheet Search
  English  ▼

X  

FXR07A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXR07A
Description  Circular Near-Field Communications Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR07A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXR07A Datasheet HTML 1Page - Taoglas antenna solutions FXR07A Datasheet HTML 2Page - Taoglas antenna solutions FXR07A Datasheet HTML 3Page - Taoglas antenna solutions FXR07A Datasheet HTML 4Page - Taoglas antenna solutions FXR07A Datasheet HTML 5Page - Taoglas antenna solutions FXR07A Datasheet HTML 6Page - Taoglas antenna solutions FXR07A Datasheet HTML 7Page - Taoglas antenna solutions FXR07A Datasheet HTML 8Page - Taoglas antenna solutions FXR07A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-15-8-075/A/CM Page 3 of 10
2. Specifications
Flexible PCB Near-Field Communications Antenna
Frequency
13.56
MHz
Inductance @ 13.56 MHz
6.4
µH
Flexible NFC
Mechanical
Antenna Dimensions
Diameter: 45.5 mm
Thickness: 0.15 mm
Adhesive
3M 467
Weight
2g
Ferrite Sheet Mechanical
PET
Diameter: 45.5 mm
Thickness: 0.02 mm
Ferrite Sheet
Diameter: 45.5 mm
Thickness: 0.10 mm
Adhesive Type
Nitto UTD-30 (W)
Thickness: 0.03 mm
Environmental
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com