Electronic Components Datasheet Search
  English  ▼

X  

HD29028 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HD29028
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29028 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HD29028 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Ta = 20 to +75 C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
V
V
IL
0.6
Output voltage
V
OH
V
CC 1V
V
IL = 0.6 V,
I
OH =
1 mA
V
OL
0.5
V
IH = 2.0 V,
I
OL = 1 mA
Input current
I
IH
20
A
V
I= 2.7 V
HD29026A/28
I
IL
100
V
I= 0.4 V
HD29027
200
Supply current
HD29026A
I
CCH
12
m A
HD29027
20
HD29028
15
HD29026A
I
CCL
20
HD29027
30
HD29028
25
Input current
I
I
100
A
V
I= 7 V
Input clamp voltage
V
IK
1.5
V
I
IN =
18 mA
Note: HD29026A/28:
V
CC = 8 to 13 V
HD29027:
V
CC = 4.5 to 8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com