Electronic Components Datasheet Search
  English  ▼

X  

HD29028 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HD29028
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29028 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HD29028 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 9Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 10Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 11Page - List of Unclassifed Manufacturers HD29028 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Figure 3
40
30
20
10
0
200
400
600
800
1000
t
(ns)
TLH
C (pF)
L
40
30
20
10
0
200
400
600
800
1000
t
(ns)
TLH
C (pF)
L
40
30
20
10
0
200
400
600
800
1000
t
(ns)
THL
C (pF)
L
40
30
20
10
0
200
400
600
800
1000
t
(ns)
THL
C (pF)
L
T = 25 °C
V
= 12 V
CC
T = 25 °C
V
= 8 V
CC
a
T = 25 °C
V
= 12 V
CC
a
a
T = 25 °C
V
= 8 V
CC
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com