Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PR4402
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4402 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PR4402 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LED DRIVER PR4401/PR4402
Typical Characteristics
Test circuit
Measurement and Calculation of Efficiency
Efficiency %=
1
T ∫
0
T
V LED⋅I LEDdt
1
T ∫
0
T
V in⋅Iindt
⋅
100
Depending on test setup and measuring method, efficiency values can vary by approx. ±5%, and peak
current values can vary by up to ±20%, Accuracy of mean currents: ±1mA.
Measuring conditions for all diagrams, unless otherwise noted:
●
Ta = 25°C
●
one LED connected (peak voltage 4.2...5.8V)
A LQH32C from Murata has been used as reference inductor, the DC resistance is specified as 0.44
Ω ±
30% for 10 µH (max current 300 mA), 0.71
Ω ± 30% for 22 µH (max. current 250 mA) and 1.30 Ω ± 30% for a
47 µH inductor (max. current 170 mA).
Oscilloscope Displays
PR4401; LED voltage (CH1) and LED current (CH2, over 0.5 Ohm resistor)
with L1 = 22 µH
L1 = 10 µH
© PREMA Semiconductor GmbH 2006-2008
Page 3/12
Rev 0908
Vcc
Gnd
Vout
PR4401
L1
0.5
Ω
or 1
Ω
470nF
0.5
Ω
or 1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com