Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PR4402
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4402 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PR4402 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LED DRIVER PR4401/PR4402
Connecting two LEDs in series
It is possible to operate PR4401 and PR4402 with two LEDs in series at the output.
However, while the peak output current is nearly independent of the output load, the mean
output current with two LEDs in series is reduced to half the current with one LED. In
addition, at high output voltages the efficiency drops significantly, depending on operating
conditions, and current pulses become shorter and sharper.
Therefore, although possible and useful in some cases, this operation mode is not
recommended for general applications and not specified further.
Using red, green or yellow LEDs
Although PR4401/PR4402 is optimized for operation with white or blue LEDs, it will usually
also work with red, green or yellow LEDs, with the following restrictions:
a) The LED must build up a sufficient forward voltage to trigger PR4401/PR4402. Due to
the internal resistance of the LED, this condition is usually met. However, no guarantee
can be assumed for proper operation under all conditions, and you need to qualify the
system yourself
b) Due to the different forward voltage level and internal resistance of colored LEDs, the
timing is different, and mean currents are mostly lower than for white LEDs. Also other
parameters may deviate from this data sheet.
© PREMA Semiconductor GmbH 2006-2008
Page 9/12
Rev 0908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com