Electronic Components Datasheet Search
  English  ▼

X  

ISO1211D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1211D
Description  Isolated 24-V Digital Input Receivers for Digital Input Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1211D Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1211D Datasheet HTML 17Page - Texas Instruments ISO1211D Datasheet HTML 18Page - Texas Instruments ISO1211D Datasheet HTML 19Page - Texas Instruments ISO1211D Datasheet HTML 20Page - Texas Instruments ISO1211D Datasheet HTML 21Page - Texas Instruments ISO1211D Datasheet HTML 22Page - Texas Instruments ISO1211D Datasheet HTML 23Page - Texas Instruments ISO1211D Datasheet HTML 24Page - Texas Instruments ISO1211D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Input Voltage (V)
0
5
10
15
20
25
30
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
D005
40qC
25qC
85qC
105qC
115qC
125qC
21
ISO1211, ISO1212
www.ti.com
SLLSEY7 – JUNE 2017
Product Folder Links: ISO1211 ISO1212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.3 Application Curve
RSENSE = 562 Ω
RTHR = 0 Ω
Figure 15. Input Current vs Input Voltage
9 Power Supply Recommendations
To help ensure reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
on the side 1 supply pin (VCC1). The capacitor should be placed as close to the supply pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com