Electronic Components Datasheet Search
  English  ▼

X  

ISO1211D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1211D
Description  Isolated 24-V Digital Input Receivers for Digital Input Modules
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1211D Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1211D Datasheet HTML 9Page - Texas Instruments ISO1211D Datasheet HTML 10Page - Texas Instruments ISO1211D Datasheet HTML 11Page - Texas Instruments ISO1211D Datasheet HTML 12Page - Texas Instruments ISO1211D Datasheet HTML 13Page - Texas Instruments ISO1211D Datasheet HTML 14Page - Texas Instruments ISO1211D Datasheet HTML 15Page - Texas Instruments ISO1211D Datasheet HTML 16Page - Texas Instruments ISO1211D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Input Voltage (V)
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
D009
40qC
25qC
85qC
105qC
115qC
125qC
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D007
RTHR = 0 k:
RTHR = 1 k:
RTHR = 2 k:
RTHR = 3 k:
RTHR = 4 k:
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
D008
RTHR = 0 k:
RTHR = 1 k:
RTHR = 2 k:
RTHR = 3 k:
RTHR = 4 k:
Input Voltage (V)
0
5
10
15
20
25
30
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
D005
40qC
25qC
85qC
105qC
115qC
125qC
Input Voltage (V)
30
35
40
45
50
55
60
2
2.25
2.5
2.75
3
D006
40qC
25qC
85qC
105qC
115qC
125qC
13
ISO1211, ISO1212
www.ti.com
SLLSEY7 – JUNE 2017
Product Folder Links: ISO1211 ISO1212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.12 Typical Characteristics
RSENSE = 562 Ω
RTHR = 0 Ω
Figure 5. Input Current vs Input Voltage
RSENSE = 562 Ω
RTHR = 0 Ω
Figure 6. Input Current vs Input Voltage
RSENSE = 562 Ω
Figure 7. High-Level Voltage Transition Threshold vs
Ambient Temperature
RSENSE = 562 Ω
Figure 8. Low-Level Voltage Transition Threshold vs
Ambient Temperature
RSENSE = 200 Ω
RTHR = 0 Ω
Figure 9. Input Current vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com