Electronic Components Datasheet Search
  English  ▼

X  

LM337H Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM337H
Description  3-Terminal Adjustable Negative Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM337H Datasheet HTML 4Page - Texas Instruments LM337H Datasheet HTML 5Page - Texas Instruments LM337H Datasheet HTML 6Page - Texas Instruments LM337H Datasheet HTML 7Page - Texas Instruments LM337H Datasheet HTML 8Page - Texas Instruments LM337H Datasheet HTML 9Page - Texas Instruments LM337H Datasheet HTML 10Page - Texas Instruments LM337H Datasheet HTML 11Page - Texas Instruments LM337H Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
(
)
OUT
ADJ
R
V
V
I
R
2
1.25
1
2
120
æ
ö
-
= -
+
+ -
´
ç
÷
è
ø
8
LM337-N-MIL
SNVSAX3 – JUNE 2017
www.ti.com
Product Folder Links: LM337-N-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
In operation, the LM337-N-MIL develops a nominal
−1.25-V reference voltage between the output and
adjustment terminal. The reference voltage is impressed across program resistor R1 (120 Ω for example) and,
because the voltage is constant, a constant current then flows through the output set resistor R2, giving an
output voltage calculated by Equation 1.
(1)
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Thermal Regulation
When power is dissipated in an IC, a temperature gradient occurs across the IC chip affecting the individual IC
circuit components. With an IC regulator, this gradient can be especially severe because power dissipation is
large. Thermal regulation is the effect of these temperature gradients on output voltage (in percentage output
change) per Watt of power change in a specified time. Thermal regulation error is independent of electrical
regulation or temperature coefficient, and occurs within 5 ms to 50 ms after a change in power dissipation.
Thermal regulation depends on IC layout as well as electrical design. The thermal regulation of a voltage
regulator is defined as the percentage change of VOUT, per Watt, within the first 10 ms after a step of power is
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com