Electronic Components Datasheet Search
  English  ▼

X  

LM337H Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM337H
Description  3-Terminal Adjustable Negative Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM337H Datasheet HTML 8Page - Texas Instruments LM337H Datasheet HTML 9Page - Texas Instruments LM337H Datasheet HTML 10Page - Texas Instruments LM337H Datasheet HTML 11Page - Texas Instruments LM337H Datasheet HTML 12Page - Texas Instruments LM337H Datasheet HTML 13Page - Texas Instruments LM337H Datasheet HTML 14Page - Texas Instruments LM337H Datasheet HTML 15Page - Texas Instruments LM337H Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TI DEVICE
TI DEVICE
12
LM337-N-MIL
SNVSAX3 – JUNE 2017
www.ti.com
Product Folder Links: LM337-N-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Applications (continued)
Full output current not available at high input-output voltages
*The 10 μF capacitors are optional to improve ripple rejection
8.2.3
−5.2-V Regulator with Electronic Shutdown
The LM337-N-MIL can be used with a PNP transistor to provide shutdown control from a TTL control signal. The
PNP can short or open the ADJ pin to GND. When ADJ is shorted to GND by the PNP, the output is
−1.3 V.
When ADJ is disconnected from GND by the PNP, then the LM337-N-MIL outputs the programmed output of
−5.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com