Electronic Components Datasheet Search
  English  ▼

X  

HT49C30L Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT49C30L
Description  8-Bit LCD Type MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C30L Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT49C30L Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 15Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
HT49R30A-1/HT49C30-1/HT49C30L
Rev. 1.10
12
September 25, 2002
not full, and the TF bit is set, a subroutine call to location
0CH occurs. The related interrupt request flag (TF) is re-
set, and the EMI bit is cleared to disable further inter-
rupts.
The time base interrupt is initialized by setting the time
base interrupt request flag (TBF; bit 4 of INTC1), that is
caused by a regular time base signal. After the interrupt
is enabled, and the stack is not full, and the TBF bit is
set, a subroutine call to location 10H occurs. The related
interrupt request flag (TBF) is reset and the EMI bit is
cleared to disable further interrupts.
The real time clock interrupt is initialized by setting the
real time clock interrupt request flag (RTF; bit 5 of
INTC1), that is caused by a regular real time clock sig-
nal. After the interrupt is enabled, and the stack is not
full, and the RTF bit is set, a subroutine call to location
14H occurs. The related interrupt request flag (RTF) is
reset and the EMI bit is cleared to disable further inter-
rupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are all held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set both to 1 (if the stack is not
full). To return from the interrupt subroutine,
²RET² or
²RETI² may be invoked. RETI sets the EMI bit and en-
ables an interrupt service, but RET does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses are serviced on the
latter of the two T2 pulses if the corresponding interrupts
are enabled. In the case of simultaneous requests, the
priorities in the following table apply. These can be
masked by resetting the EMI bit.
No.
Interrupt Source
Priority Vector
a
External interrupt 0
1
04H
b
External interrupt 1
2
08H
c
Timer/event counter overflow
3
0CH
d
Time base interrupt
4
10H
e
Real time clock interrupt
5
14H
The timer/event counter interrupt request flag (TF), ex-
ternal interrupt 1 request flag (EIF1), external interrupt 0
request flag (EIF0), enable timer/event counter interrupt
bit (ETI), enable external interrupt 1 bit (EEI1), enable
external interrupt 0 bit (EEI0), and enable master inter-
rupt bit (EMI) make up of the Interrupt Control register 0
(INTC0) which is located at 0BH in the RAM. The real
time clock interrupt request flag (RTF), time base inter-
rupt request flag (TBF), enable real time clock interrupt
bit (ERTI), and enable time base interrupt bit (ETBI),
constitute the Interrupt Control register 1 (INTC1) which
is located at 1EH in the RAM. EMI, EEI0, EEI1, ETI,
ETBI, and ERTI are all used to control the enable/dis-
able status of interrupts. These bits prevent the re-
quested interrupt from being serviced. Once the
interrupt request flags (RTF, TBF, TF, EIF1, EIF0) are all
set, they remain in the INTC1 or INTC0 respectively until
the interrupts are serviced or cleared by a software in-
struction.
Register
Bit No.
Label
Function
INTC0
(0BH)
0
EMI
Control the master (global) interrupt (1=enabled; 0=disabled)
1
EEI0
Control the external interrupt 0 (1=enabled; 0=disabled)
2
EEI1
Control the external interrupt 1 (1=enabled; 0=disabled)
3
ETI
Control the timer/event counter interrupt (1=enabled; 0=disabled)
4
EIF0
External interrupt 0 request flag (1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag (1=active; 0=inactive)
6
TF
Internal timer/event counter request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC1
(1EH)
0
ETBI
Control the time base interrupt (1=enabled; 0:disabled)
1
ERTI
Control the real time clock interrupt (1=enabled; 0:disabled)
2, 3
¾
Unused bit, read as
²0²
4
TBF
Time base request flag (1=active; 0=inactive)
5
RTF
Real time clock request flag (1=active; 0=inactive)
6, 7
¾
Unused bit, read as
²0²
INTC register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com