Electronic Components Datasheet Search
  English  ▼

X  

HT49C30L Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT49C30L
Description  8-Bit LCD Type MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C30L Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT49C30L Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 15Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 16Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 17Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
HT49R30A-1/HT49C30-1/HT49C30L
Rev. 1.10
14
September 25, 2002
external reset (a low level to RES), software instruction,
and a
²HALT² instruction. There are two types of soft-
ware instructions;
²CLR WDT² and the other set -²CLR
WDT1
² and ²CLR WDT2². Of these two types of instruc-
tion, only one type of instruction can be active at a time
depending on the options
-²CLR WDT² times selection
option . If the
²CLR WDT² is selected (i.e., CLR WDT
times equal one), any execution of the
²CLR WDT² in-
struction clears the WDT. In the case that
²CLR WDT1²
and
²CLR WDT2² are chosen (i.e., CLR WDT times
equal two), these two instructions have to be executed
to clear the WDT; otherwise, the WDT may reset the
chip due to time-out.
Multi-function timer
The device provides a multi-function timer for the WDT,
time base and RTC but with different time-out periods.
The multi-function timer consists of a 8-stage divider
and an 7-bit prescaler, with the clock source coming
from the WDT OSC or RTC OSC or the instruction clock
(i.e.., system clock divided by 4). The multi-function
timer also provides a selectable frequency signal
(ranges from fS/2
2 to f
S/2
8) for LCD driver circuits, and a
selectable frequency signal (ranges from fS/2
2 to f
S/2
9)
for the buzzer output by options. It is recommended to
select a near 4kHz signal to LCD driver circuits for
proper display.
Time base
The time base offers a periodic time-out period to gener-
ate a regular internal interrupt. Its time-out period
ranges from /2
12 to f
S/2
15 selected by options. If time
base time-out occurs, the related interrupt request flag
(TBF; bit 4 of INTC1) is set. But if the interrupt is en-
abled, and the stack is not full, a subroutine call to loca-
tion 10H occurs.
Real time clock
- RTC
The real time clock (RTC) is operated in the same man-
ner as the time base that is used to supply a regular in-
ternal interrupt. Its time-out period ranges from fS/2
8 to
fS/2
15 by software programming . Writing data to RT2,
RT1 and RT0 (bit2, 1, 0 of RTCC;09H) yields various
time-out periods. If the RTC time-out occurs, the related
interrupt request flag (RTF; bit 5 of INTC1) is set. But if
the interrupt is enabled, and the stack is not full, a sub-
routine call to location 14H occurs. The real time clock
time-out signal also can be applied to be a clock source
of timer/event counter for getting a longer time-out pe-
riod.
f s
T i m e B a s e I n t e r r u p t
f S / 2 1 2 ~ f S / 2 1 5
B u z z e r ( f S / 2 2 ~ f S / 2 9 )
L C D D r i v e r ( f S / 2 2 ~ f S / 2 8 )
D i v i d e r
P r e s c a l e r
O p t i o n
O p t i o n
Time base
D i v i d e r
f S
8 t o 1
M u x .
P r e s c a l e r
R T 2
R T 1
R T 0
R T C I n t e r r u p t
f S / 2 8 ~ f S / 2 1 5
Real time clock
S y s t e m C l o c k / 4
D i v i d e r
W D T C l e a r
O p t i o n
S e l e c t
W D T
O S C 1 2 k H z
R T C
O S C 3 2 7 6 8 H z
C K T
R
C K T
R
f S
T i m e - o u t R e s e t f S / 2 1 5 ~ f S / 2 1 6
D i v i d e r
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com