Electronic Components Datasheet Search
  English  ▼

X  

AP10G01 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # AP10G01
Description  10mm SMT 14dB Active GPS/GALILEO Patch Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP10G01 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button AP10G01 Datasheet HTML 2Page - Taoglas antenna solutions AP10G01 Datasheet HTML 3Page - Taoglas antenna solutions AP10G01 Datasheet HTML 4Page - Taoglas antenna solutions AP10G01 Datasheet HTML 5Page - Taoglas antenna solutions AP10G01 Datasheet HTML 6Page - Taoglas antenna solutions AP10G01 Datasheet HTML 7Page - Taoglas antenna solutions AP10G01 Datasheet HTML 8Page - Taoglas antenna solutions AP10G01 Datasheet HTML 9Page - Taoglas antenna solutions AP10G01 Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SPE-11-8-100/E/SS Page 8 of 10
7. Recommended Reflow Soldering Profile
AP.10G can be assembled following Pb-free assembly. According to the Standard
IPC/JEDEC J-STD-020C, the temperature profile suggested is as follow:
Phase
Profile Features
Pb-Free Assembly
(SnAgCu)
PREHEAT
Temperature Min(Tsmin)
Temperature Max(Tsmax)
Time(ts) from (Tsmin to Tsmax)
150°C
200°C
60-120 seconds
RAMP-UP
Avg. Ramp-up Rate (Tsmax to TP)
3°C/second(max)
REFLOW
Temperature(TL)
Total Time above TL (tL)
217°C
30-100 seconds
PEAK
Temperature(TP)
Time(tp)
260°C
2-5 seconds
RAMP-DOWN
Rate
3°C/second(max)
Time from 25°C to Peak Temperature
8 minutes max.
Composition of solder paste
96.5Sn/3Ag/0.5Cu
Solder Paste Model
SHENMAO PF606-P26



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com