Electronic Components Datasheet Search
  English  ▼

X  

AP10G01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AP10G01
Description  10mm SMT 14dB Active GPS/GALILEO Patch Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP10G01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AP10G01 Datasheet HTML 1Page - Taoglas antenna solutions AP10G01 Datasheet HTML 2Page - Taoglas antenna solutions AP10G01 Datasheet HTML 3Page - Taoglas antenna solutions AP10G01 Datasheet HTML 4Page - Taoglas antenna solutions AP10G01 Datasheet HTML 5Page - Taoglas antenna solutions AP10G01 Datasheet HTML 6Page - Taoglas antenna solutions AP10G01 Datasheet HTML 7Page - Taoglas antenna solutions AP10G01 Datasheet HTML 8Page - Taoglas antenna solutions AP10G01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-11-8-100/E/SS Page 2 of 10
1. Introduction
The AP.10G.01 one stage 14dB active GPS/GALILEO patch antenna is the smallest SMT
GPS/GALILEO high performance embedded antenna currently available in the world.
Using extremely sensitive high dielectric constant powder formulation and tight process
control the 10mm x 10mm x 4mm patch antenna is accurately tuned to have its frequency
band right at 1575.42MHz for GPS/GALILEO systems.
A patented SMT structure gives high reliability in integration. With an ultra low power
consumption one stage LNA with Saw Filter, this small active patch has the performance
of an ordinary active patch, but at only a quarter of the size. This product is suited to small
form factor mobile devices such as GPS Smartphones, Personal Location, Medical devices,
Telematic devices and Automotive navigation and tracking. Custom gain, connector and
cable versions are available.
The AP.10G consists of 2 functional blocks – the LNA and also the patch antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com