Electronic Components Datasheet Search
  English  ▼

X  

ICX424AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX424AL
Description  Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX424AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX424AL Datasheet HTML 1Page - Sony Corporation ICX424AL Datasheet HTML 2Page - Sony Corporation ICX424AL Datasheet HTML 3Page - Sony Corporation ICX424AL Datasheet HTML 4Page - Sony Corporation ICX424AL Datasheet HTML 5Page - Sony Corporation ICX424AL Datasheet HTML 6Page - Sony Corporation ICX424AL Datasheet HTML 7Page - Sony Corporation ICX424AL Datasheet HTML 8Page - Sony Corporation ICX424AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
– 1 –
E01Z09B35
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX424AL
16 pin DIP (Plastic)
Optical black position
(Top View)
2
8
V
H
Pin 1
Pin 9
31
2
Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
Description
The ICX424AL is a diagonal 6mm (Type 1/3) interline
CCD solid-state image sensor with a square pixel
array suitable for EIA black-and-white cameras.
Progressive scan allows all pixel's signals to be output
independently within approximately 1/60 second. This
chip features an electronic shutter with variable
charge-storage time which makes it possible to
realize full-frame still images without a mechanical
shutter. High sensitivity and low dark current are
achieved through the adoption of the HAD (Hole-
Accumulation Diode) sensors.
This chip is suitable for applications such as FA
and surveillance cameras.
Features
• Progressive scan allows individual readout of the image signals
from all pixels.
• High vertical resolution (480 TV-lines) still images without a
mechanical shutter
• Square pixel
• Supports VGA format
• Horizontal drive frequency: 24.54MHz
• No voltage adjustments (reset gate and substrate bias are not
adjusted.)
• High resolution, high sensitivity, low dark current
• Continuous variable-speed shutter
• Low smear
• Excellent anti-blooming characteristics
• Horizontal register: 5.0V drive
• 16-pin high precision plastic package (enables dual-surface standard)
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels: 659 (H)
× 494 (V) approx. 330K pixels
• Total number of pixels:
692 (H)
× 504 (V) approx. 350K pixels
• Chip size:
5.79mm (H)
× 4.89mm (V)
• Unit cell size:
7.4µm (H)
× 7.4µm (V)
• Optical black:
Horizontal (H) direction: Front 2 pixels, rear 31 pixels
Vertical (V) direction:
Front 8 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 16
Vertical 5
• Substrate material:
Silicon


Similar Part No. - ICX424AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX424AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com