Electronic Components Datasheet Search
  English  ▼

X  

LMH6639MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6639MA/NOPB
Description  190MHz Rail-to-Rail Output Amplifier with Disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6639MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6639MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6639MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0.1
1
10
100
1000
ISOURCE (mA)
0.01
0.1
1
10
125°C
85°C
25°C
-40°C
VS=±5V
0.1
1
10
100
1000
ISINK (mA)
0.01
0.1
1
10
125°C
85°C
25°C
-40°C
VS=±5V
2
4
6
8
10
12
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
VS (V)
125°C
85°C
-40°C
25°C
RL = 150: TIED TO VS/
2
125°C
25°C
-40°C
85°C
RL=150: TIED TO VS/2
2
0
VS (V)
4
6
8
10
12
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
20 40 60 80 100 120 140 160 180 200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
ISINK (mA)
-40°C
125°C
85°C
25°C
VS=±2.5V
0
20 40 60 80 100 120 140 160 180 200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40°C
125°C
85°C
25°C
VS=±2.5V
ISOURCING (mA)
LMH6639
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
At TJ = 25°C, V
+ = +2.5, V− = −2.5V, R
F = 330Ω for AV = +2, RF = 1kΩ for AV = −1. Unless otherwise specified.
Output Sinking Saturation Voltage vs. IOUT
Output Sourcing Saturation Voltage vs. IOUT
for Various Temperature
for Various Temperature
Figure 4.
Figure 5.
Positive Output Saturation Voltage vs. VSUPPLY
Negative Output Saturation Voltage vs. VSUPPLY
for Various Temperature
for Various Temperature
Figure 6.
Figure 7.
VOUT from V
+ vs.
VOUT from V
− vs.
ISOURCE
ISINK
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6639



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com