Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  300-mA Low-Noise, Low-IQ LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12
LP5910
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.5 Reverse Current Protection
The device contains a reverse current protection circuit that prevents a backward current flowing through the
LDO from the OUT pin to the IN pin.
7.4 Device Functional Modes
7.4.1 Enable (EN)
The LP5910 may be switched to the ON or OFF state by logic input at the EN pin. A logic-high voltage on the EN
pin turns the device to the ON state. A logic-low voltage on the EN pin turns the device to the OFF state. If the
application does not require the shutdown feature, the EN pin must be tied to VIN to keep the regulator output
permanently in the ON state when power is applied
To ensure proper operation, the signal source used to drive the EN input must be able to swing above and below
the specified turnon or turnoff voltage thresholds listed in the Electrical Characteristics section under VIL and VIH.
A 1-MΩ pulldown resistor ties the EN input to ground. If the EN pin is left open, the internal 1-MΩ pulldown
resistor ensures that the device is turned into an OFF state by default.
When the EN pin is low, and the output is in an OFF state, the output activates an internal pulldown resistance to
discharge the output capacitance for fast turnoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com