Electronic Components Datasheet Search
  English  ▼

X  

LMT87LP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LP
Description  2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT87LP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments LMT87LP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
RS
OUT
LMT87
VDD
GND
CLOAD > 1100 pF
OPTIONAL
BYPASS
CAPACITANCE
OUT
LMT87
VDD
GND
OPTIONAL
BYPASS
CAPACITANCE
CLOAD ” 1100 pF
12
LMT87, LMT87-Q1
SNIS170D – JANUARY 2014 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMT87 LMT87-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Capacitive Loads
The LMT87 handles capacitive loading well. In an extremely noisy environment, or when driving a switched
sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling. Without any
precautions, the LMT87 can drive a capacitive load less than or equal to 1100 pF, as shown in Figure 11. For
capacitive loads greater than 1100 pF, a series resistor may be required on the output, as shown in Figure 12.
Figure 11. LMT87 No Decoupling Required for Capacitive Loads Less than 1100 pF
Figure 12. LMT87 with Series Resistor for Capacitive Loading Greater than 1100 pF
Table 4. Recommended Series Resistor Values
CLOAD
MINIMUM RS
1.1 nF to 99 nF
3 kΩ
100 nF to 999 nF
1.5 kΩ
1 μF
800 Ω
8.4.4 Output Voltage Shift
The LMT87 is very linear over temperature and supply voltage range. Due to the intrinsic behavior of an
NMOS/PMOS rail-to-rail buffer, a slight shift in the output can occur when the supply voltage is ramped over the
operating range of the device. The location of the shift is determined by the relative levels of VDD and VOUT. The
shift typically occurs when VDD- VOUT = 1 V.
This slight shift (a few millivolts) takes place over a wide change (approximately 200 mV) in VDD or VOUT.
Because the shift takes place over a wide temperature change of 5°C to 20°C, VOUT is always monotonic. The
accuracy specifications in the Accuracy Characteristics table already include this possible shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com