Electronic Components Datasheet Search
  English  ▼

X  

IR3080 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3080
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3080 Datasheet HTML 7Page - International Rectifier IR3080 Datasheet HTML 8Page - International Rectifier IR3080 Datasheet HTML 9Page - International Rectifier IR3080 Datasheet HTML 10Page - International Rectifier IR3080 Datasheet HTML 11Page - International Rectifier IR3080 Datasheet HTML 12Page - International Rectifier IR3080 Datasheet HTML 13Page - International Rectifier IR3080 Datasheet HTML 14Page - International Rectifier IR3080 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
IR3080
vL
L
RL
i
V
L
O
R
C
CS
CS
CO
Current
v S
C
c
Sense Amp
CSOUT
Figure 5. Inductor Current Sensing and Current Sense Amplifier
The advantage of sensing the inductor current versus high side or low side sensing is that actual output current
being delivered to the load is obtained rather than peak or sampled information about the switch currents. The
output voltage can be positioned to meet a load line based on real time information. Except for a sense resistor in
series with the inductor, this is the only sense method that can support a single cycle transient response. Other
methods provide no information during either load increase (low side sensing) or load decrease (high side sensing).
An additional problem associated with peak or valley current mode control for voltage positioning is that they suffer
from peak-to-average errors. These errors will show in many ways but one example is the effect of frequency
variation. If the frequency of a particular unit is 10% low, the peak to peak inductor current will be 10% larger and
the output impedance of the converter will drop by about 10%. Variations in inductance, current sense amplifier
bandwidth, PWM prop delay, any added slope compensation, input voltage, and output voltage are all additional
sources of peak-to-average errors.
Current Sense Amplifier
A high speed differential current sense amplifier is located in the Phase IC, as shown in Figure 5. Its gain decreases
with increasing temperature and is nominally 34 at 25ºC and 29 at 125ºC (-1470 ppm/ºC). This reduction of gain
tends to compensate the 3850 ppm/ºC increase in inductor DCR. Since in most designs the Phase IC junction is
hotter than the inductors these two effects tend to cancel such that no additional temperature compensation of the
load line is required.
The current sense amplifier can accept positive differential input up to 100mV and negative up to -20mV before
clipping. The output of the current sense amplifier is summed with the DAC voltage and sent to the Control IC and
other Phases through an on-chip 10KΩ resistor connected to the ISHARE pin. The ISHARE pins of all the phases
are tied together and the voltage on the share bus represents the average current through all the inductors and is
used by the Control IC for voltage positioning and current limit protection.
Average Current Share Loop
Current sharing between phases of the converter is achieved by the average current share loop in each Phase IC.
The output of the current sense amplifier is compared with the share bus less a 20mV offset. If current in a phase is
smaller than the average current, the share adjust amplifier of the phase will activate a current source that reduces
the slope of its PWM ramp thereby increasing its duty cycle and output current. The crossover frequency of the
current share loop can be programmed with a capacitor at the SCOMP pin so that the share loop does not interact
with the output voltage loop.
Page 11 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com