Electronic Components Datasheet Search
  English  ▼

X  

IR3080 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3080
Description  XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3080 Datasheet HTML 8Page - International Rectifier IR3080 Datasheet HTML 9Page - International Rectifier IR3080 Datasheet HTML 10Page - International Rectifier IR3080 Datasheet HTML 11Page - International Rectifier IR3080 Datasheet HTML 12Page - International Rectifier IR3080 Datasheet HTML 13Page - International Rectifier IR3080 Datasheet HTML 14Page - International Rectifier IR3080 Datasheet HTML 15Page - International Rectifier IR3080 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
IR3080
IR3080 THEORY OF OPERATION
Block Diagram
The Block diagram of the IR3080 is shown in Figure 6, and specific features are discussed in the following sections.
+
-
+
-
+
-
+
-
+
-
+
-
8.9V
+
-
+
-
+
-
+
-
BBFB
VOSNS-
IIN
OCSET
VID3
VID5
VCC
VIDFB
VRHOT
VID2
VID4
RMPOUT
VDRP
ROSC
VIDPWR
SS/DEL
VID1
VIDPGD
PWRGD
VBIAS
VID0
HOTSET
VDAC
LGND
FB
EAOUT
VCCVID
VIDDEL
IROSC
IROSC
VBIAS
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
DISABLE
VRHOT
COMPARATOR
6uA
50%
DUTY
CYCLE
VCCVID
COMPARATOR
DISCHARGE
COMPARATOR
+
VID
CONTROL
VID = 11111X
ON
IDISCHG
VOLTAGE
PROPORTIONAL
TO ABSOLUTE
TEMPERATURE
OVER
CURRENT
CURRENT
SOURCE
GENERATOR
1.0V
VCCVID
REGULATOR
FAULT
LATCH
+
R
START
IOCSET
70uA
RAMP GENERATOR
6.85V
66uA
START
STOP
OVER-CURRENT
COMPARATOR
SS/DEL
DISCHARGE
IFB
4V
9.1V
-
IVTTDEL
SOFTSTART
CLAMP
5.0V
S
STOP
VBIAS
REGULATOR
VDRP
AMP
ICHG
ROSC
BUFFER
AMP
VCC
UVLO
COMPARATOR
0.2V
1.1V
-
VID DELAY
COMPARATOR
OFF
DELAY
COMPARATOR
90mV
1.3V
VID STEP-DOWN
VID DAC OUTPUT
ERROR
AMP
1.2V
Figure 6. IR3080 Block Diagram
VID Control
A 6-bit VID voltage compatible with VR 10, as shown in Table 1, is available at the VDAC pin. A detailed block
diagram of the VID control circuitry can be found in Figure 7. The VID pins are internally pulled up to VIDPWR pin
through 700Ω resistors. The VID input comparators, with 0.6V reference, monitor the VID pins and control the 6 bit
Digital-to-Analog Converter (DAC) whose output is sent to the VDAC buffer amplifier. The output of the buffer
amplifier is the VDAC pin. The VDAC voltage is post-package trimmed to compensate for the input offsets of the
Error Amplifier to provide a 0.5% system set-point accuracy. The actual VDAC voltage does not determine the
system accuracy and has a wider tolerance.
Page 12 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com