Electronic Components Datasheet Search
  English  ▼

X  

IRD1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRD1
Description  Infrared Pulse Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRD1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRD1 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRD1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Infrared Pulse Detector
telecontrolli
IRD1
The IRD1 is an hybrid circuit that allows to realize an
infrared barrier when utilized with an infrared pulse
transmitter (IRT1).
IRD1 detect IR pulses and activate the output signal
when the barrier is interrupted by an object.
It shows stable electric characteristics thanks to the
"Thick film hybrid" tecnhology.
General description
Applications
Features
BLOCK DIAGRAM
High RFI Immunity
SIL Package
Residential and commercial security systems
Automatic doors opening systems
Infrared Devices
OUT1
3
2
1
4-12
15
14
13
7
8
9
FTD-K
FTD-A
OUT
LED
GND
to internal
circuit
+8.5V
2.2K
V
CC1
V
CC2
C
EXT
V
CC
Amplifier
Linear
Regulator
Detector
Driver


Similar Part No. - IRD1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
IRD1 RFSOLUTIONS-IRD1 Datasheet
684Kb / 2P
Infrared Pulse Detector
logo
Huber+Suhner, Inc.
IRD12LCAD000000SR04R1S0 HUBERSUHNER-IRD12LCAD000000SR04R1S0 Datasheet
777Kb / 2P
IANOS double ribbon splice module, 12xSM, LC APC, TIA
IRD12LCUD000000SR04R1S0 HUBERSUHNER-IRD12LCUD000000SR04R1S0 Datasheet
588Kb / 2P
IANOS double ribbon splice module, 12xSM, LC UPC, TIA
More results

Similar Description - IRD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8464B NSC-DP8464B Datasheet
383Kb / 26P
Disk Pulse Detector
logo
Texas Instruments
SN76604N TI-SN76604N Datasheet
514Kb / 9P
BIDIRECTIONAL SERVO-AMP PULSE WIDTH DETECTOR
logo
rfsolutions.ltd
IRD1 RFSOLUTIONS-IRD1 Datasheet
684Kb / 2P
Infrared Pulse Detector
IRT1 RFSOLUTIONS-IRT1 Datasheet
167Kb / 2P
Infrared Pulse Detector
logo
Hamamatsu Corporation
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
logo
Hamamatsu Corporation
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
logo
Silicon Laboratories
SI1145 SILABS-SI1145 Datasheet
1Mb / 70P
Integrated infrared proximity detector
logo
ON Semiconductor
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com